Electronic Components Datasheet Search
  English  ▼

X  

AN2063 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2063
Description  The new regulation on the power supply standby consumption for the battery charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2063 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2063 Datasheet HTML 5Page - STMicroelectronics AN2063 Datasheet HTML 6Page - STMicroelectronics AN2063 Datasheet HTML 7Page - STMicroelectronics AN2063 Datasheet HTML 8Page - STMicroelectronics AN2063 Datasheet HTML 9Page - STMicroelectronics AN2063 Datasheet HTML 10Page - STMicroelectronics AN2063 Datasheet HTML 11Page - STMicroelectronics AN2063 Datasheet HTML 12Page - STMicroelectronics AN2063 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID10955 Rev 2
9/15
AN2063
Charger application
15
3.3.3
Load, line regulation and efficiency
Figure 5. Load regulation
The output load changes from 0 A to full load 0.8 A while the line input voltage is set as 100
Vdc, 300 Vdc, 380 Vdc. The board has a load, line regulation lower than 1%.
Figure 6. System efficiency
The measurements are based on input voltage of 100 Vdc,300 Vdc, 380 Vdc. The typical
efficiency measured is about 73%. Figure 6 shows the efficiency measured when IOUT is set
at different values from 200 mA to maximum value of 800 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com