Electronic Components Datasheet Search
  English  ▼

X  

AN2067 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2067
Description  LED manufacturers propose white LEDs inside a monolithic chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2067 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2067 Datasheet HTML 5Page - STMicroelectronics AN2067 Datasheet HTML 6Page - STMicroelectronics AN2067 Datasheet HTML 7Page - STMicroelectronics AN2067 Datasheet HTML 8Page - STMicroelectronics AN2067 Datasheet HTML 9Page - STMicroelectronics AN2067 Datasheet HTML 10Page - STMicroelectronics AN2067 Datasheet HTML 11Page - STMicroelectronics AN2067 Datasheet HTML 12Page - STMicroelectronics AN2067 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID10973 Rev 2
9/25
AN2067
White LED power supply
25
The allowed maximum frequency is limited by the dynamic behavior of the PWM current
generator (refer to Section 2.2.4). The best way to use this power supply, is to set the lowest
frequency convenient for human eye versus flicker. The higher the period, the higher the
dimming range.
2.2.3
Audible noise
When the power supply with a PWM signal is used, some audible noise may be heard,
especially if the frequency of the external signal is inside the audible range.
This noise is emitted by the core of the transformer, and is a normal way to work. This noise
is proportional to the output power transferred through it.
This noise can be reduced by the optimization of the transformer.
2.2.4
Dynamic behavior of the current regulation loop
As explained above, the power supply has to generate a PWM current, at a sufficient
frequency in order to avoid flicker, with the possibility to adjust the duty cycle. The time
response of the regulation loop should be short so to be linear (from 0% up to 100%
characteristics of the dimming range).
Thanks to LED threshold, its current can be pulsed and the voltage can be maintained to
avoid charging and discharging the output capacitance. Since the output filtering
capacitance is quite wide, this helps the dynamic behavior of the current generator.
The dynamic behavior of this current generator is limited by several root causes in the whole
schematic.
The first origin of limitation is the RC couple R101 + R107 / C113. When the reference level
changes on the error amplifier (TSM101 pin 5), the op-amp moves to the new operating
point, by charging the node TSM101 pin 3. This is limited by the charging of the capacitor
C113 through the resistor R101 + R107.
Secondly, the filtering capacitance C121 must be large enough to properly sustain the
supply voltage of the op-amp and the resistor R102. During a transient, the op-amp has to
compensate its output level for the loop stabilization. The dynamic behavior is limited by the
discharging/charging of the capacitor C113 through the resistor R102, once the supply
voltage of the amplifier is stable during that transient.
Third, the serial resistance of the load, the shunt resistance R100, and the serial resistor of
the capacitor C112 limit the time response of the current generator. When the output current
switches from off (low current level) to on (high current level), the output voltage has to
increase as per below formula:
The output current capability is limited until the charging of the capacitance C112 is not
completed. When this capacitor is charged, then the current capability is available for the
load itself.
Δv
out
ΔI
out
R
sload
R
shunt
+
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com