Electronic Components Datasheet Search
  English  ▼

X  

AN2067 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2067
Description  LED manufacturers propose white LEDs inside a monolithic chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2067 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2067 Datasheet HTML 10Page - STMicroelectronics AN2067 Datasheet HTML 11Page - STMicroelectronics AN2067 Datasheet HTML 12Page - STMicroelectronics AN2067 Datasheet HTML 13Page - STMicroelectronics AN2067 Datasheet HTML 14Page - STMicroelectronics AN2067 Datasheet HTML 15Page - STMicroelectronics AN2067 Datasheet HTML 16Page - STMicroelectronics AN2067 Datasheet HTML 17Page - STMicroelectronics AN2067 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Switching cycle
AN2067
14/25
DocID10973 Rev 2
Figure 8. Dynamic response 50% duty cycle at 100 Hz
5.1
Dynamic response
5.1.1
Discrete load
An external signal is applied to connector J107 (node VREF_IN), to replace the static
internal reference voltage of the TSM101 with a PWM signal.
The amplitude of this signal is 0 V (low level), 1 V (high level) in order to get the full range up
to 1 A. The frequency of this signal is 100 Hz. The generator allows the duty cycle of this
(PWM) signal to be adjusted from 10% up to 90%. The load used during these
measurements is a discrete load (dynamic load).
Figure 6. Continuous mode (40 W/VIN=100 V)
Figure 7. Burst mode (PLOAD=4 W; VIN=400 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com