Electronic Components Datasheet Search
  English  ▼

X  

AN2067 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2067
Description  LED manufacturers propose white LEDs inside a monolithic chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2067 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2067 Datasheet HTML 1Page - STMicroelectronics AN2067 Datasheet HTML 2Page - STMicroelectronics AN2067 Datasheet HTML 3Page - STMicroelectronics AN2067 Datasheet HTML 4Page - STMicroelectronics AN2067 Datasheet HTML 5Page - STMicroelectronics AN2067 Datasheet HTML 6Page - STMicroelectronics AN2067 Datasheet HTML 7Page - STMicroelectronics AN2067 Datasheet HTML 8Page - STMicroelectronics AN2067 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Block diagram
AN2067
4/25
DocID10973 Rev 2
1
Block diagram
Figure 1. VIPer53-E block diagram
1.1
Overload protection
4.35 V typical threshold is present on the COMP pin. This overload threshold is 150 mV
below the clamping voltage of 4.5 V, which corresponds to the current limitation of the
device. In case of a COMP voltage exceeds the overload threshold, the pull- up resistor on
TOVL pin is released and the external capacitor connected on this pin begins to charge.
When a value of 4 V typical is reached, the device stops switching and remains in this state
until the VDD voltage reaches VDDoff, or resumes the normal operation if the COMP voltage
returns to a value below the overload threshold.
The drain current that the device delivers without triggering the overload threshold is called
“current capability”, specified as IDmax in the datasheet. This value sizes correctly the
converter versus its maximum output power. When an overload occurs on secondary side of
the converter, the output power is limited by the current limitation of the device. If this
overload lasts more than a constant time defined by a capacitor connected on the TOVL pin,
the device is reset, and a new sequence starts by turning on the start-up current source.
Capacitors on the VDD pin and on the TOVL pin are defined together in order to insure a
correct startup and a low restart duty cycle in overload or short-circuit operation. Below the
equations:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com