Electronic Components Datasheet Search
  English  ▼

X  

AN2711 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 18Page - STMicroelectronics AN2711 Datasheet HTML 19Page - STMicroelectronics AN2711 Datasheet HTML 20Page - STMicroelectronics AN2711 Datasheet HTML 21Page - STMicroelectronics AN2711 Datasheet HTML 22Page - STMicroelectronics AN2711 Datasheet HTML 23Page - STMicroelectronics AN2711 Datasheet HTML 24Page - STMicroelectronics AN2711 Datasheet HTML 25Page - STMicroelectronics AN2711 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Performance
AN2711
22/36
Doc ID 14425 Rev 3
Figure 16.
Stress on FET and diode
●
Yellow = Q2 drain voltage, 100 V/div
●
Blue = Q2 current (actually the voltage across R25 and 26)
●
Magenta = voltage on D9 (bootstrap), rated for 100 V, 20 V/div
Figure 16 above was taken with 132 VAC input, near the peak of the input sine wave. The
transition-mode operation is clearly visible - the drain voltage (yellow trace) begins to fall as
the output diode stops conducting, at 6.2 divisions. Gate drive (not shown) comes on at 6.7
divisions, and the drain voltage falls to zero. Drain current (blue trace) then begins to rise,
with only a minimal current spike as stray capacitance is discharged. The gate is turned off
at 8.6 divisions, and the drain voltage rises abruptly due to flux stored in the transformer air
gap. The drain voltage overshoot is due to leakage inductance in the transformer - the drain
current is caught by D8, and the leakage energy is dumped into C4.
6.1.3
Setup for maximum power
16 W out, 10 series LEDs, jumpers at W2-W3, W6-W8, 0.5A:
Trace colors:
●
Yellow = line voltage, 100 V/div
●
Magenta = line current, 200 mA/div
●
Green = LED current, 100 mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com