Electronic Components Datasheet Search
  English  ▼

X  

AN2711 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 28Page - STMicroelectronics AN2711 Datasheet HTML 29Page - STMicroelectronics AN2711 Datasheet HTML 30Page - STMicroelectronics AN2711 Datasheet HTML 31Page - STMicroelectronics AN2711 Datasheet HTML 32Page - STMicroelectronics AN2711 Datasheet HTML 33Page - STMicroelectronics AN2711 Datasheet HTML 34Page - STMicroelectronics AN2711 Datasheet HTML 35Page - STMicroelectronics AN2711 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
PC layout
AN2711
32/36
Doc ID 14425 Rev 3
8
PC layout
Further work
The design has been extended to a 30 W output, on the same printed circuit layout, with
very good success. 30 W transformers have been designed to fit the dual footprint for T1.
Similar designs have been produced with a 60 W output.
The input filter has always given problems. It is important to minimize the capacitive current
to maintain power factor and dimmability, which means that higher value inductors are
required, which increases their DC resistance, which impacts efficiency. It is expected that
the user designs their own input filter in most cases. Sufficient space and component pads
are available for experimentation.
Figure 30.
Top
Figure 31.
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com