Electronic Components Datasheet Search
  English  ▼

X  

AN2711 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 26Page - STMicroelectronics AN2711 Datasheet HTML 27Page - STMicroelectronics AN2711 Datasheet HTML 28Page - STMicroelectronics AN2711 Datasheet HTML 29Page - STMicroelectronics AN2711 Datasheet HTML 30Page - STMicroelectronics AN2711 Datasheet HTML 31Page - STMicroelectronics AN2711 Datasheet HTML 32Page - STMicroelectronics AN2711 Datasheet HTML 33Page - STMicroelectronics AN2711 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
BOM list
AN2711
30/36
Doc ID 14425 Rev 3
R11,21
10 k
Ω
5 % 0805
R12
680 k
Ω
5 % 0805
R13
0 (jump)
0805 Zero-Ohm Jumper
R14,15
27 k
Ω
5 % 0805
R16
1 k
Ω
5 % 0805
R17
330
Ω
RES 0.5W 5 %
R18-20
82 k
Ω
5 % 1206
R2
DNI
Huntington ALSR1J-27
R22
47
Ω
5 % 0805
R23,28
47 k
Ω
5 % 0805
R24
200
Ω
5 % 1206
R25,26
1.1
Ω
5 % 1206
R27
10
Ω
5 % 0805
R29
2.2 k
Ω
5 % 1206
R3,4
2 k
Ω
5 % 1206
R30,35-38; C25
DNI
5 % 0805
R31
0.47 1 W
Panasonic ERX-1SJR47
R32
332 k
Ω 1 %
1 % 0805
R33
10 k
Ω 1 %
1 % 0805
R39
20 k
Ω
5 % 1206
R40,41
DNI
5 % 1206
R5,6
680 k
Ω
5 % 1206
R7
220 2 W
Panasonic ERG-2SJ221
R8,9
100 k
Ω
5 % 1206
T1
CRAMER CVP 37-003
CRAMER CVP 37-003
TB1,2
TERMSTRIP2
Phoenix 1729018
U1
L6562AD
ST L6562AD
U2
SFH615A-2
Vishay SFH615A-2
U3
TSM1052
ST TSM1052
Table 9.
BOM list (continued)
Designator
Part type
Mfr #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com