Electronic Components Datasheet Search
  English  ▼

X  

AN2711 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 25Page - STMicroelectronics AN2711 Datasheet HTML 26Page - STMicroelectronics AN2711 Datasheet HTML 27Page - STMicroelectronics AN2711 Datasheet HTML 28Page - STMicroelectronics AN2711 Datasheet HTML 29Page - STMicroelectronics AN2711 Datasheet HTML 30Page - STMicroelectronics AN2711 Datasheet HTML 31Page - STMicroelectronics AN2711 Datasheet HTML 32Page - STMicroelectronics AN2711 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AN2711
BOM list
Doc ID 14425 Rev 3
29/36
7
BOM list
Table 9.
BOM list
Designator
Part type
Mfr #
C1,2
0.1 µF “X2”
Vishay 2222 338 20104
C10
47 µF 50 V
Panasonic EEU-FC1H470
C12,13
22 µF 50 V
Panasonic EEU-FC1H220
C14,15
1000 µF 50 V
Panasonic EEU-FC1H102
C16
4700 pF Y
Panasonic ECK-ANA472ME
C17
0.01 µF
X7R 20 % 0805
C18-20
0.1 µF
X7R 20 % 0805
C21-24
1 µF 50 V
Murata GRM21BR71H105KA12L
C3
DNI
Vishay 2222 338 20104
C4
0.01 µF 630 V X7R
Panasonic ECJ-3FB2J103K
C5
0.33 µF
Panasonic ECQ-E4334KF
C6
0.0022 µF
X7R 20 % 0805
C7
0.47 µF 16 V
0805 10 % X7R
C8,11
100 pF 1 kV
AVX 1206AC101KAT1
C9
0.1 µF 400 V
Panasonic ECW-F4104JB
D13
MMSZ5246B
Diodes Inc. MMSZ5246B-7
D14
STPS10150CT
ST STPS10150CT
D1-4
S1M
Diodes Inc. S1M-13-F
D5,6
DNI
ST SMAJ188A
D7
MMSZ5258B
ON Semi MMSZ5258BT1G
D8
STTH1R06A
ST STTH1R06A
D9-12
MMSD4148
Fairchild MMSD4148
F1
0.5 A
Littelfuse 0251.500MXL
L1
DNI
*
L2,3
Panasonic ELF-11M020E
Panasonic ELF-11M020E
L4,5,8,9
DNI
TDK TSL1112RA-472JR21-PF
L6
4700 µH 210 mA
TDK TSL1112RA-472JR21-PF
L7
33 µH 1.6 A
J.W.Miller RL622-330K-RC
Q1
MMBT4401
Diodes Inc. MMBT4401-7 or Fairchild MMBT4401
Q2
STP5NK60ZFP
ST STP5NK60ZFP
R1
27 1 W WW
Huntington ALSR-1-27
R10,34
100 k
Ω
5 % 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com