Electronic Components Datasheet Search
  English  ▼

X  

AN2761 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2761 Datasheet HTML 18Page - STMicroelectronics AN2761 Datasheet HTML 19Page - STMicroelectronics AN2761 Datasheet HTML 20Page - STMicroelectronics AN2761 Datasheet HTML 21Page - STMicroelectronics AN2761 Datasheet HTML 22Page - STMicroelectronics AN2761 Datasheet HTML 23Page - STMicroelectronics AN2761 Datasheet HTML 24Page - STMicroelectronics AN2761 Datasheet HTML 25Page - STMicroelectronics AN2761 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Designing a TM PFC
AN2761
22/36
Doc ID 14690 Rev 2
Figure 11.
Multiplier characteristics family
A complete description is given in Figure 11, which shows the typical multiplier
characteristics family. The linear operation of the multiplier is guaranteed within the range 0
to 3 V of VMULT and the range 0 to 1.16 V (typ) of Vcs, while the minimum guaranteed value
of the maximum slope of the characteristics family (typ) is:
Taking this into account, the following is the suggested procedure to properly set the
operating point of the multiplier.
First, the maximum peak value for VMULT, VMULTmax is selected. This value, which occurs at
maximum mains voltage, should be 3 V or nearly so in wide-range mains and less in case of
single mains. The sense resistor selected is Rs = 0.34 Ω and it is described in the paragraph
concerning pin 4 of this section. The maximum peak value, occurring at maximum mains
voltage is:
where ILpk and Rs have been already calculated, and 1.1 V/V is the multiplier maximum
slope reported in the datasheet.
From (62) the maximum required divider ratio is calculated as:
(61)
(62)
(63)
Multiplier characteristic
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.0 0.2 0.40.6 0.81.0 1.2 1.4 1.61.8 2.02.2 2.4 2.6 2.83.0
VMULT (pin3) (V)
V COMP (pin2) (V)
Upper Volt. Clamp
2.5 V
3 V
3.5V
4 V
5.75 V
4.5V
5 V
V
V
1
.
1
dV
dV
MULT
CS
=
min
max
s
pk
max
VAC
VAC
1
.
1
R
IL
VMULT
⋅
⋅
=
V
06
.
3
Vac
85
Vac
265
1
.
1
34
.
0
A
89
.
2
VMULTmax
=
⋅
Ω
⋅
=
3
max
max
MULT
p
10
16
.
8
Vac
265
2
V
06
.
3
VAC
2
V
k
−
⋅
=
⋅
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com