Electronic Components Datasheet Search
  English  ▼

X  

AN2761 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2761 Datasheet HTML 25Page - STMicroelectronics AN2761 Datasheet HTML 26Page - STMicroelectronics AN2761 Datasheet HTML 27Page - STMicroelectronics AN2761 Datasheet HTML 28Page - STMicroelectronics AN2761 Datasheet HTML 29Page - STMicroelectronics AN2761 Datasheet HTML 30Page - STMicroelectronics AN2761 Datasheet HTML 31Page - STMicroelectronics AN2761 Datasheet HTML 32Page - STMicroelectronics AN2761 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AN2761
Test results and significant waveforms
Doc ID 14690 Rev 2
29/36
6
Test results and significant waveforms
One of the main purposes of a PFC preconditioner is the correction of input current
distortion, decreasing the harmonic contents below the limits of the relevant regulations.
Therefore, this demonstration board has been tested according to the European standard
EN61000-3-2 Class-D and Japanese standard JEIDA-MITI Class-D, at full load at both
nominal input voltage mains.
As shown in the following Figure 19 and 20, the circuit is able to reduce the harmonics well
below the limits of both regulations from full load down to light load. Please note that all
measures and waveforms have been done using a Pi-filter for filtering the noise coming from
the circuit, using a 25 mH common mode choke and two 220NF-X2 filter capacitors.
Figure 19.
EVL6562A-TM-80W compliance to
EN61000-3-2 standard
Figure 20.
EVL6562A-TM-80W compliance to
JEIDA-MITI standard
0.0001
0.001
0.01
0.1
1
1
3
5
7
9 1113 1517 1921 2325 2729 31333537 39
Harmonic Order (n)
Measurements @ 230Vac Full load
EN61000-3-2 class D limits
Vin = 230 Vac - 50 Hz, Pout = 80 W
THD = 10.48 %, PF = 0.973
0.0001
0.001
0.01
0.1
1
1
3
5
7
9 1113 1517 19 21 2325 27 293133 35 37 39
Harmonic Orde r (n)
Measurements @ 100Vac Full load
JEIDA-MITI class D limits
Vin = 100 Vac - 50 Hz, Pout = 80 W
THD = 3.18 %, PF = 0.997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com