Electronic Components Datasheet Search
  English  ▼

X  

AN2761 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2761 Datasheet HTML 24Page - STMicroelectronics AN2761 Datasheet HTML 25Page - STMicroelectronics AN2761 Datasheet HTML 26Page - STMicroelectronics AN2761 Datasheet HTML 27Page - STMicroelectronics AN2761 Datasheet HTML 28Page - STMicroelectronics AN2761 Datasheet HTML 29Page - STMicroelectronics AN2761 Datasheet HTML 30Page - STMicroelectronics AN2761 Datasheet HTML 31Page - STMicroelectronics AN2761 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
EVL6562A-TM-80W demonstration board
AN2761
28/36
Doc ID 14690 Rev 2
for the reduction of the mains harmonics, which complies with the European norm
EN61000-3-2 or the Japanese norm JEIDA-MITI. This rail is the input for the cascaded
isolated DC-DC converter provides the output rails required by the load. The board has
been designed to allow full-load operation in still air.
The power stage of the PFC is a conventional boost converter, connected to the output of
the rectifier bridge D2. It includes the coil T1, the diode D1 and the capacitor C6. The boost
switch is represented by the power MOSFET Q1. The NTC limits the inrush current at plug-
in. It has been connected on the DC rail, in series to the output electrolytic capacitor, in
order to improve the efficiency during low line operation because the rectifier RMS current is
significantly lower than the AC input current at minimum input voltage and maximum load.
Even in this position the NTC limits the surge current due to the output electrolytic capacitor
as well.
At startup the L6562A is powered by the Vcc capacitor C29 that is charged via the resistors
R4 and R5. Then the T1 secondary winding and the charge pump circuit (R14, C5, D2 and
D8) generate the Vcc voltage powering the L6562A during normal operations. The divider
composed of R1 + R2 and R3 provides the L6562A multiplier with the information of the
instantaneous voltage that is used to modulate the boost current. The divider composed of
R11 + R12 and R13A in parallel with R13B is dedicated to sense the output voltage.
The board is not equipped with an input EMI filter. The filter must be added in the final
application circuit by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com