Electronic Components Datasheet Search
  English  ▼

X  

AN2761 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2761 Datasheet HTML 26Page - STMicroelectronics AN2761 Datasheet HTML 27Page - STMicroelectronics AN2761 Datasheet HTML 28Page - STMicroelectronics AN2761 Datasheet HTML 29Page - STMicroelectronics AN2761 Datasheet HTML 30Page - STMicroelectronics AN2761 Datasheet HTML 31Page - STMicroelectronics AN2761 Datasheet HTML 32Page - STMicroelectronics AN2761 Datasheet HTML 33Page - STMicroelectronics AN2761 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Test results and significant waveforms
AN2761
30/36
Doc ID 14690 Rev 2
The power factor (PF) and the total harmonic distortion (THD) have been measured and are
illustrated in Figure 21 and 22. As shown, the PF measured at full load and half load
remains close to unity throughout the input voltage mains range while, when the circuit is
delivering 20 W, it decreases at high mains range. THD is low, remaining within 16% at
maximum input voltage.
The efficiency is very good at all load and line conditions. At full load it is always significantly
higher than 90%, making this design suitable for high-efficiency power supplies.
The measured output voltage variation at different line and load conditions is illustrated in
Figure 24
. As shown, the voltage is perfectly stable over the entire input voltage range. Just
at 265Vac and light load, there are negligible deviations of 1 V due to the intervention of the
burst mode function.
Figure 21.
EVL6562A-TM-80W
power factor vs. Vin and load
Figure 22.
EVL6562A-TM-80W
THD vs. Vin and load
0.800
0.825
0.850
0.875
0.900
0.925
0.950
0.975
1.000
80
130
180
230
280
Vin (Vac)
Pout = 80W
Pout = 40W
Pout = 20W
0
2
4
6
8
10
12
14
16
18
20
80
130
180
230
280
Vin (Vac)
Pout = 80W
Pout = 40W
Pout = 20W
Figure 23.
EVL6562A-TM-80W
efficiency vs. Vin and load
Figure 24.
EVL6562A-TM-80W
static Vout regulation vs. Vin and
load
75
77
79
81
83
85
87
89
91
93
95
97
99
80
130
180
230
280
Vin (Vac)
Pout = 80W
Pout = 40W
Pout = 20W
Pout = 5W
392
393
394
395
396
397
398
399
400
80
130
180
230
280
Vin (Vac)
Pout = 80W
Pout = 40W
Pout = 20W
Pout = 5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com