Electronic Components Datasheet Search
  English  ▼

X  

AN2785 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 7Page - STMicroelectronics AN2785 Datasheet HTML 8Page - STMicroelectronics AN2785 Datasheet HTML 9Page - STMicroelectronics AN2785 Datasheet HTML 10Page - STMicroelectronics AN2785 Datasheet HTML 11Page - STMicroelectronics AN2785 Datasheet HTML 12Page - STMicroelectronics AN2785 Datasheet HTML 13Page - STMicroelectronics AN2785 Datasheet HTML 14Page - STMicroelectronics AN2785 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
AN2785
Bootstrap driver
Doc ID 14785 Rev 1
11/51
For example: given the typical value of 120
Ω for R
DS(on) and using a power MOS with a
total gate charge of 30 nC, the drop on the bootstrap DMOS is about 1 V if the TCHARGE is
6 ms. In fact:
Equation 4
VDROP has to be considered when the voltage drop on CBOOT is calculated: if this drop is too
high, or the circuit topology does not allow a sufficient charging time, an external diode can
be used.
When operating at very low frequencies, the high side driver ON time of the high-side driver
can be very long. Therefore the CBOOT voltage can drop because of HVG steady-state
consumption. To avoid extremely large capacitors (> 1-2 µF), an external charge pump can
be added (see Figure 7 as example). It is mandatory for the diodes to have a low parasitic
capacitance since C1 and C2 should be greater than the capacitance of the diodes. The
oscillator has to work in order to balance the high-voltage side consumption, and the
minimum frequency is fixed by the values of C1 and C2 (with C1 = C2 = 33 pF then f > 250
– 300 kHz).
Figure 6.
Bootstrap driver
7
.
0
120
s
5
nc
30
VDROP
≈
Ω
⋅
μ
=
TO LOAD
BOOT
BOOT
H.V.
HVG
ab
LVG
HVG
LVG
CBOOT
TO LOAD
H.V.
CBOOT
DBOOT
VCC
OUT
VCC
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com