Electronic Components Datasheet Search
  English  ▼

X  

AN2785 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 16Page - STMicroelectronics AN2785 Datasheet HTML 17Page - STMicroelectronics AN2785 Datasheet HTML 18Page - STMicroelectronics AN2785 Datasheet HTML 19Page - STMicroelectronics AN2785 Datasheet HTML 20Page - STMicroelectronics AN2785 Datasheet HTML 21Page - STMicroelectronics AN2785 Datasheet HTML 22Page - STMicroelectronics AN2785 Datasheet HTML 23Page - STMicroelectronics AN2785 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Application examples
AN2785
20/51
Doc ID 14785 Rev 1
Figure 13.
L6393 application circuit for voltage mode FAN controller (linear hall
sensor)
Figure 14
shows some waveforms related to the presented circuit.
VCC
CP-
CP+
SD
GND
VBOOT
HVG
OUT
LVG
DT
CPOUT
L6393
VCC
CP-
CP+
SD
GND
VBOOT
HVG
OUT
LVG
DT
CPOUT
L6393
+5V
+5V
Rotation Detection
+5V
Vth
RMI
+12V
+5V
+12 ÷ 600V
PWM Comparator
Minimum Speed Generation
Triangle Generator
+12V
+12V
Vlim
Over Current
Disable Time
+5V
H
FG
Dead Time
Setting
Dead Time
Setting
RD
Linear HALL Sensor
PHASE
BRAKE
PHASE
BRAKE
PHASE
BRAKE
SD
HVG
LVG
PHASE
BRAKE
SD
HVG
LVG
+
_
+5V
COMPARATOR
Logic + Drivers
Logic + Drivers
Full Bridge Power Stage
Motor Load
Vbus
EQUIVALENT CIRCUIT USING L6393 DRIIVERS
SD
SD
Over Current
Protection
Vlim
Vth
+
_
+5V
COMPARATOR
PWM Comparator
SD
SD
+5V
H
Linear HALL Sensor
+
_
+5V
COMPARATOR
BIPOLAR
TRANSISTOR
Signal Inverter
+5V
RMI
Minimum Speed Generation
OPAMP
L6393
L6393
Sensor Comparator
+12V
Triangle Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com