| Electronic Components Datasheet Search |
|
AN2785 Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2785 Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 51 page ![]() AN2785 Application examples Doc ID 14785 Rev 1 27/51 Due to the Cgc’s non-linearity the IGBT (or MOSFET) datasheet also reports the equivalent total amount of charge required during the different gate charge phases: the total gate charge Qg required for turning ON the IGBT (or MOSFET) completely, the Qge required for increasing the Vge up to the plateau voltage and the Qgc required during the whole plateau phase. This last amount of charge is also called plateau charge. The time required to provide the complete plateau charge is the Tfall time and this is the same time necessary for completing the Vce transition. For Ton time is intended the time delay between the beginning of the gate charge and the full conduction of the IGBT (or MOSFET), when the power switch current equals the full load current. So: It is now possible to merge the equivalent gate driver output circuit reported in Figure 16 and the considerations about the different gate charge phases in the total equivalent circuit reported in Figure 19. Figure 19. Total equivalent circuit for turn-ON From the above circuit the value of the transition times could be calculated (the following formulae are related to the low-side transition, but the same are also suitable for the high- side by changing “VCC” with “VBOOT-VOUT”). CISS_min is used because when the Vce (or Vds) of the power IGBT (or MOSFET) is maximum (equal to HVbus), the CISS (which depends on the Vce) shows its minimum value. During the turn-OFF of the power IGBT (or MOSFET), the behavior is the same as for the turn-ON but in reverse time order. Figure 20 provides the gate charge characteristics and Vce vs. Ic curves. SOURCE GC FALL I Q T = + RGATE RDSon_source Vboot/VCC Cge = Qge Vge_p Vge Isource Ton + RGATE RDSon_source Vboot/VCC Vge_p Isource Tfall + = Ciss_min () ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ − ⋅ ⋅ + = p _ Vge VCC VCC ln C R R T min _ ISS GATE source _ DSon ON ( ) p _ Vge VCC R R Q I Q T GATE source _ DSon GC SOURCE GC FALL − + ⋅ = = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |