Electronic Components Datasheet Search
  English  ▼

X  

AN2785 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 21Page - STMicroelectronics AN2785 Datasheet HTML 22Page - STMicroelectronics AN2785 Datasheet HTML 23Page - STMicroelectronics AN2785 Datasheet HTML 24Page - STMicroelectronics AN2785 Datasheet HTML 25Page - STMicroelectronics AN2785 Datasheet HTML 26Page - STMicroelectronics AN2785 Datasheet HTML 27Page - STMicroelectronics AN2785 Datasheet HTML 28Page - STMicroelectronics AN2785 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
AN2785
Application examples
Doc ID 14785 Rev 1
25/51
On the other hand, if the switch turns ON when its Vce is already close to zero or Vce keeps
staying close to zero after turn OFF, the transition is soft and, during the commutation, the
switch dissipates almost no energy. This last condition occurs when the free-wheeling diode
of the switch is bringing the current because the diode is in the same direction as the load
current.
As a general rule, one should consider that the dynamics of the transition (dVOUT/dt, Vce
rise/fall time etc.) is always managed and controlled by the power switch in hard switching,
while its companion switch is necessarily in soft switching (because it is in the opposite
direction with respect to the load current). Considering this and in order to understand the
mechanism of the power IGBT (MOSFET) transition, the hard switching transition is further
described below. Note that all of the following descriptions always consider an inductive load
connected to the half-bridge stage output.
Figure 18
depicts the dynamics of the hard switching for the turn ON transition.
The first graph is related to the gate charge curves of the power IGBT (or MOSFET). This is
a typical graph available in the datasheet of every IGBT or MOSFET, and describes the
dependence of the amount of charge required by the IGBT gate on the voltage drop
between the gate and the emitter (or source). The second graph shows the collector current
(Ic) and Vce voltage versus time. The third graph shows the working point of the IGBT
traced on the various Ic vs. Vce characteristic curves for different Vge voltages. For a single
turn ON transition, four main phases related to the power IGBT (MOSFET) commutation can
be distinguished. On the left side of Figure 18, the IGBT conditions for each phase are
described. During phase T1, the gate begins to be charged, but the power IGBT is still not
conducting because Vge is below the IGBT threshold. In this state the IGBT current is zero
and its Vce is at the maximum, while Vge is gradually increasing. In phase T2, the Vge
voltage goes above the IGBT threshold and the IGBT starts to bring part of the load current,
while Vce remains fixed at the maximum level because the free-wheeling diode of the
companion IGBT is still bringing the rest of the load current, and therefore is still in
conduction, clamping in this way the Vce voltage. Both in T1 and T2 phases, the gate
current contributes to charge the equivalent Cge parasitic capacitance of the IGBT. In the Ic
vs. Vce characteristic plot, the T2 phase is the vertical section of the working curve trace,
because the IGBT is moving on its own characteristic with a constant Vce and an increasing
current, while its Vge is increasing too. When the amount of current flowing in the IGBT is
equal to the load current, the diode turns OFF and the Vce voltage starts to decrease
because it is no longer clamped by the free-wheeling diode of the other IGBT. The working
point on the Ic vs Vce curve reaches the lload value and starts to move horizontally on the Ic
constant curve in the direction of the decreasing Vce voltages. This is the T3 phase, usually
called plateau phase. This name comes from the fact that the gate charge curve is
horizontal for the whole T3 phase, until Vce reaches the Vce_sat value corresponding to the
Iload current. Note that the Vge voltage is constant although the gate current flowing in the
IGBT gate is not zero: the reason is that the whole gate current is used to charge the Cgc
(Miller) parasitic capacitance which then experiences a dV/dt on its terminals because the
Vce voltage is decreasing after the diode turn OFF. In a first approximation, if the Cgc was
constant (it is actually not), the dVOUT/dt could be calculated as follows:
GC
SOURCE
FALL
OUT
C
I
dt
dV
=
⎟
⎠
⎞
⎜
⎝
⎛



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com