Electronic Components Datasheet Search
  English  ▼

X  

UM0425 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0425
Description  STLED316S Front panel LED controller/driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0425 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0425 Datasheet HTML 1Page - STMicroelectronics UM0425 Datasheet HTML 2Page - STMicroelectronics UM0425 Datasheet HTML 3Page - STMicroelectronics UM0425 Datasheet HTML 4Page - STMicroelectronics UM0425 Datasheet HTML 5Page - STMicroelectronics UM0425 Datasheet HTML 6Page - STMicroelectronics UM0425 Datasheet HTML 7Page - STMicroelectronics UM0425 Datasheet HTML 8Page - STMicroelectronics UM0425 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
June 2007
Rev 1
1/11
UM0425
User manual
STLED316S Front panel LED controller/driver
evaluation board
Introduction
LED displays are widely used on consumer electronics and household appliances. Both
push button keys and LED displays form the front panel of these products.
Figure 1.
Typical front panel application
In conventional systems, a sub MCU (Microcontroller) is used to control the front panel
functions. Depending on the number of LED digit/segment and push button keys, an MCU
with a high pin count might be required.
Other disadvantages of an MCU solution:
External discrete current driver
Current limiting resistors
Additional cost of crystal for MCU clock
The STLED316S is a complete front panel LED controller/driver that is able to solve these
disadvantages.
A common anode LED driver can drive 40 mA of current on each segment output. No
current limiting resistor is required as the current is set by a single RSET resistor. It has the
additional advantage of brightness control up to 8 increments. Display brightness can be
adjusted by modifying the brightness register value. It also has the capability of controlling
each 7-segment LED digit and discrete LED brightness individually.
The device can handle a maximum of 16 front panel keys. If any front panel key event is
detected, IRQ out is asserted. IRQ is released once the key data is read.
Current matching on each segment is guaranteed to be within 3%. When no digit and
segment are ON, STLED consumes much less current of around 200 µA which is achieved
by turning OFF internal current mirror circuitry.
www.st.com


Similar Part No. - UM0425

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
25-Feb-2008
UM0428 STMICROELECTRONICS-UM0428 Datasheet
841Kb / 27P
IGBT Power module evaluation kit - Semitop2 power board
26-Jul-2007
More results

Similar Description - UM0425

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17202AGF-011 NEC-UPD17202AGF-011 Datasheet
131Kb / 28P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC FRONT PANEL CONTROLLER
logo
Toshiba Semiconductor
TB62718AF TOSHIBA-TB62718AF Datasheet
1Mb / 30P
FULL COLOR LED MODULE AND PANEL SPECIAL CONTROLLER AND LED DRIVER
logo
STMicroelectronics
STFPC311 STMICROELECTRONICS-STFPC311 Datasheet
559Kb / 39P
Front panel controller/driver with standby power management
09-May-2006
logo
Weltrend Semiconductor
WTD0002 WELTREND-WTD0002 Datasheet
113Kb / 6P
LCD FRONT PANEL CONTROLLER
logo
STMicroelectronics
STFPC320 STMICROELECTRONICS-STFPC320 Datasheet
932Kb / 78P
Front panel controller/driver with standby power management and real-time clock
07-Jul-2008
logo
Renesas Technology Corp
PD17202AGF-011 RENESAS-PD17202AGF-011_15 Datasheet
265Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC (FRONT PANEL CONTROLLER)
logo
Diodes Incorporated
AL3050 DIODES-AL3050 Datasheet
582Kb / 16P
SMALL PANEL BACKLIGHT LED DRIVER
Rev 2
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
LED DRIVER CONTROLLER
logo
Shenzhen Putianhe Techn...
TM1820 PTH-TM1820 Datasheet
338Kb / 4P
LED Display panel driver IC
logo
Festo Corporation.
10190 FESTO-10190 Datasheet
87Kb / 1P
Front panel valve
4/10/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com