Electronic Components Datasheet Search
  English  ▼

X  

UM0425 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0425
Description  STLED316S Front panel LED controller/driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0425 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0425 Datasheet HTML 1Page - STMicroelectronics UM0425 Datasheet HTML 2Page - STMicroelectronics UM0425 Datasheet HTML 3Page - STMicroelectronics UM0425 Datasheet HTML 4Page - STMicroelectronics UM0425 Datasheet HTML 5Page - STMicroelectronics UM0425 Datasheet HTML 6Page - STMicroelectronics UM0425 Datasheet HTML 7Page - STMicroelectronics UM0425 Datasheet HTML 8Page - STMicroelectronics UM0425 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UM0425
Evaluation board
3/11
1
Evaluation board
The demo board is integrated with six 7-segment LED digits, eight discrete LEDs, 16 push
button keys, and other components for interfacing to a PC parallel port and power supply.
One LED indicates the status of IRQ output. If IRQ is asserted, the LED is turned ON.
Figure 2.
STLED316S Evaluation board
The board can be powered from a DC power supply or center positive AC to DC adaptor. If
it is to be powered from a DC power supply, the power pad labeled VCC 5 V should be
connected to 5 V and the power pad labeled GND should be connected to power supply
ground.
A center positive AC to DC adaptor with output voltage between 6 V to 15 V can also be
used to power the board. The adaptor should be plugged to the DC connector labeled
CON2.
CON1 provides the connection to the PC parallel port. General User Interface (GUI)
communicates with the board through this parallel port. The parallel port address should be
set to 0378h.
The STLED316S_GUI.exe and io.dll files are contained in a zip file. Before operating the
GUI, both files should be extracted to the same folder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com