Electronic Components Datasheet Search
  English  ▼

X  

UM0425 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0425
Description  STLED316S Front panel LED controller/driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0425 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0425 Datasheet HTML 3Page - STMicroelectronics UM0425 Datasheet HTML 4Page - STMicroelectronics UM0425 Datasheet HTML 5Page - STMicroelectronics UM0425 Datasheet HTML 6Page - STMicroelectronics UM0425 Datasheet HTML 7Page - STMicroelectronics UM0425 Datasheet HTML 8Page - STMicroelectronics UM0425 Datasheet HTML 9Page - STMicroelectronics UM0425 Datasheet HTML 10Page - STMicroelectronics UM0425 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Summary
UM0425
10/11
The brightness mode setting (red circle in Figure 10) can be changed to variable. Variable
brightness mode means that each 7-segment digit and discrete LED brightness can be
controlled individually and independently of each other. The default variable brightness level
for all the digit and discrete LEDs is 1/16.
Modify the variable brightness level (red circle in Figure 10) for each individual 7-segment
digit and discrete LED, and the 7-segment display and discrete LED brightness change
accordingly.
Segments for 7-segment display can also be used for discrete LED and vice versa.
Segments for 7-segment display and discrete LED operate in the same way. The only
difference is that in variable brightness mode, the brightness of segments for 7-segment
displays are controlled in groups of eight, which is per digit, whereas discrete LED segment
brightness is controlled individually.
5
Summary
The STLED316S is the right solution for front panel LED controller/drivers. With its
adjustable brightness level, 3% current matching, integrated front panel key detection, and
low stand-by current, it enhances performance and at the same time simplifies front panel
design.
6
Revision history
Table 1.
Revision history
Date
Revision
Changes
05-Jun-2007
1
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com