Electronic Components Datasheet Search
  English  ▼

X  

UM0460 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 7Page - STMicroelectronics UM0460 Datasheet HTML 8Page - STMicroelectronics UM0460 Datasheet HTML 9Page - STMicroelectronics UM0460 Datasheet HTML 10Page - STMicroelectronics UM0460 Datasheet HTML 11Page - STMicroelectronics UM0460 Datasheet HTML 12Page - STMicroelectronics UM0460 Datasheet HTML 13Page - STMicroelectronics UM0460 Datasheet HTML 14Page - STMicroelectronics UM0460 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
UM0460
Using the front panel evaluation board
11/23
3
Using the front panel evaluation board
Application keys are the keys on the front panel evaluation board which allow operations to
be performed. There are 4 application keys on the evaluation board.
3.1
CH_UP
On pressing the CH_UP key, the system shows the increased channel number by one value
on the LED display.
For example if the previous channel selected in the system was 015, then upon pressing the
CH_UP key, the increased channel number CH - 016 appears on the LED display, as shown
in Figure 7.
Figure 7.
Increased channel number displayed on LED display
On a subsequent press of the key, the channel value on the LED display increases, as
shown in Figure 8.
Figure 8.
Increased channel number displayed on VFD
Note:
1
The channel number increases upon every press of the CH_UP key until the channel
number reaches the maximum value of 100. After that, the channel number rolls over to the
value 000.
2
To save the channel selected in the system, the user must press the 'OK' key of the front
panel, otherwise the channel number will not be saved in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com