Electronic Components Datasheet Search
  English  ▼

X  

UM0460 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics UM0460 Datasheet HTML 17Page - STMicroelectronics UM0460 Datasheet HTML 18Page - STMicroelectronics UM0460 Datasheet HTML 19Page - STMicroelectronics UM0460 Datasheet HTML 20Page - STMicroelectronics UM0460 Datasheet HTML 21Page - STMicroelectronics UM0460 Datasheet HTML 22Page - STMicroelectronics UM0460 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Bill of materials
UM0460
20/23
Appendix C
Bill of materials
Table 2.
BOM
Designator Qty
Reference
Value /
generic part
number
Package
Manufacturer/
supplier
Manufacturer’s
/supplier’s
ordering code /
orderable part
number
U3
1
STLED316S LED
controller
STLED316S
MTR
SO - 24
STMicroelectronics
STLED316SMTR
U2
1
Microcontroller
ST7FLITE39
F2M6
SO – 20
STMicroelectronics ST7FLITE39F2M6
U1
1
Voltage Regulator
L78M05CV
TO – 220 (A type) STMicroelectronics
L78M05CV
D1
1
Power diode
STPS1L30A
SMA
STMicroelectronics
STPS1L30A
D4, D5, D6,
D7
4
Diode
1N5817
DO41
STMicroelectronics
1N5817
DIG2,
DIG3,
DIG4,
DIG5,
DIG6, DIG7
6
7-segment LED
display (common
anode)
HDSP - 5501
Through hole –
14.2 mm
Agilent
Technologies
HDSP - 5501
OR equivalent
DIG1_LED
1
10-segment bar
graph LED
HDSP - 4830
Through hole
Hewlett Packard
HDSP - 4830
OR equivalent
SW1
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
SW2
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
SW3
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
SW4
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
SW5
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
SW6
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
SW7
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
SW8
1
Push-button
Switches
4-leg through-
hole (push-4)
Farnell
535-916
D2
1
LED (red) - 3 mm
Through-hole
Farnell
322-570
D3
1
LED (green)- 3 mm
Through-hole
Farnell
322-544
J2
1
Power Jack
Through-hole
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com