Electronic Components Datasheet Search
  English  ▼

X  

UM0460 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 12Page - STMicroelectronics UM0460 Datasheet HTML 13Page - STMicroelectronics UM0460 Datasheet HTML 14Page - STMicroelectronics UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics UM0460 Datasheet HTML 17Page - STMicroelectronics UM0460 Datasheet HTML 18Page - STMicroelectronics UM0460 Datasheet HTML 19Page - STMicroelectronics UM0460 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Using the front panel evaluation board
UM0460
16/23
3.5.5
EXIT
On pressing the MENU key five times, the fifth option (Exit option) is displayed. In this option
only one LED digit is glowing, indicating option 5 as shown in Figure 16.
Figure 16.
Fifth menu option - "5"
To exit from the MENU mode of the system, the 'OK' key should be pressed. The system
exits with the default display pattern and with the selected brightness level. The default
display sequence appears on the LED display.
Note:
After the fifth MENU option, if the MENU key is pressed again, the system rolls over to the
MENU option one.
3.6
DEMO mode
To show the various display options of the system and, in turn, of the device STLED316S, a
DEMO mode key has been provided on the evaluation board.
On pressing the DEMO key, the system enters into a predefined display sequence as
explained below:
●
MENU option one (see Figure 12)
●
Delay
●
MENU option two (see Figure 13)
●
Delay
●
MENU option three (see Figure 14)
●
Delay
●
MENU option four (see Figure 15)
●
Delay
●
Default display sequence in the selected MENU option / brightness level
The system remains in the above sequence until the 'OK' key is pressed. The system exits
the DEMO mode only when the 'OK' key is pressed.
Note:
All keys other than 'OK' and RESET' are disabled when the system is in DEMO mode.
3.7
OK
'OK' is a special key on the board which is used to select the various functions and settings
of the display. On pressing the 'OK' key, the action performed depends on the previous key
pressed which is described in detail in the following subsections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com