Electronic Components Datasheet Search
  English  ▼

X  

UM0460 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 8Page - STMicroelectronics UM0460 Datasheet HTML 9Page - STMicroelectronics UM0460 Datasheet HTML 10Page - STMicroelectronics UM0460 Datasheet HTML 11Page - STMicroelectronics UM0460 Datasheet HTML 12Page - STMicroelectronics UM0460 Datasheet HTML 13Page - STMicroelectronics UM0460 Datasheet HTML 14Page - STMicroelectronics UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Using the front panel evaluation board
UM0460
12/23
3.2
CH_DOWN
The CH_DOWN is a key which can be used to decrease the channel numbers. When the
key is pressed, it shows the decreased channel number by one value on the LED display, as
shown in Figure 7.
For example if the previous channel selected in the system was 015, then upon pressing the
CH_DOWN key the decreased channel number CH - 014 appears on the LED display, as
shown in Figure 6.
On a subsequent press of the key, the channel value on the LED display decreases.
Note:
1
The channel number decreases at every press of the CH_DOWN key until the channel
number reaches the minimum value of 000. After that the channel number rolls over to the
value 100.
2
To save the channel selected in the system, the user must press the 'OK' key of the front
panel, otherwise the channel number will not be saved in the system.
3.3
BRGHT+
On pressing the BRGHT+ key, the brightness of the LED display reaches the next increased
level and the value of the brightness level appears on the LED display.
For example if the previous level of the brightness of the LED display was 11 - 16, then upon
pressing the BRGHT + key, the brightness of the LED display increases and 12 - 16 appears
on the LED display indicating the present brightness value of the LED display, as shown in
Figure 9.
Figure 9.
BRGHT+ key press
On every press of the BRGHT+ key, the brightness level of the LED display increases until it
reaches the maximum value of 14 - 16. If the BRGHT+ key is pressed again, then the
brightness of the LED display rolls over and reaches the minimum value of 1 - 16, as shown
in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com