Electronic Components Datasheet Search
  English  ▼

X  

AN2815 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2815
Description  High-efficiency step-down controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2815 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2815 Datasheet HTML 3Page - STMicroelectronics AN2815 Datasheet HTML 4Page - STMicroelectronics AN2815 Datasheet HTML 5Page - STMicroelectronics AN2815 Datasheet HTML 6Page - STMicroelectronics AN2815 Datasheet HTML 7Page - STMicroelectronics AN2815 Datasheet HTML 8Page - STMicroelectronics AN2815 Datasheet HTML 9Page - STMicroelectronics AN2815 Datasheet HTML 10Page - STMicroelectronics AN2815 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AN2815
Bill of material
7/42
2
Bill of material
Table 1.
PM6675AS demonstration board bill of material
Qty
Component
Description
Package
Part number
Manufacturer
Value
2C1, C2
Ceramic, 50 V,
X5R, 20%
SMD 1210
UMK325BJ106KM-T
Taiyo Yuden
10 µF
2C3, C4
POSCAP, 4 V,
15 m
Ω, 20%
SMD D Case
4TPE220MF
Sanyo
220 µF
1C5
Ceramic, 6.3 V,
X5R, 10%
SMD 1206
Standard
1 µF
3
C6, C7, C11
Ceramic, 6.3 V,
X5R, 10%
SMD 0805
JMK212BJ106KG-T
Taiyo Yuden
10 µF
4
C9, C10, C13,
C14
Ceramic, 50 V,
X7R, 20%
SMD 0603
Standard
100 n
1C12
Ceramic, 50 V,
X7R, 10%
SMD 0805
Standard
100 n
1C15
Ceramic, 50 V,
X7R, 10%
SMD 0603
Standard
6n8
1C16
Ceramic, 50 V,
X7R, 10%
SMD 0603
Standard
1 n
1
C17
Ceramic, 20%
SMD 0603
Standard
N.M.
1C18
Ceramic, 50 V,
X7R, 10%
SMD 0805
Standard
1 n
2C19, C20
Ceramic, 6.3 V,
X5R, 10%
SMD 0805
JMK212BJ106KG-T
Taiyo Yuden
N.M.
2C21, C22
Ceramic, 50 V,
X7R, 10%
SMD 0603
Standard
100 p
1R1
Chip resistor,
0.1W, 1%
SMD 0603
Standard
330 k
Ω
1R2
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
18 k
Ω
1R3
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
1.5 k
Ω
2R4, R7
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
3R3
1R6
Chip resistor,
0.1 W, 1%
SMD 0805
Standard
0
1R8
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
12 k
Ω
1R9
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
13 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com