Electronic Components Datasheet Search
  English  ▼

X  

AN2815 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2815
Description  High-efficiency step-down controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2815 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2815 Datasheet HTML 1Page - STMicroelectronics AN2815 Datasheet HTML 2Page - STMicroelectronics AN2815 Datasheet HTML 3Page - STMicroelectronics AN2815 Datasheet HTML 4Page - STMicroelectronics AN2815 Datasheet HTML 5Page - STMicroelectronics AN2815 Datasheet HTML 6Page - STMicroelectronics AN2815 Datasheet HTML 7Page - STMicroelectronics AN2815 Datasheet HTML 8Page - STMicroelectronics AN2815 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
August 2008
Rev 1
1/42
AN2815
Application note
High-efficiency step-down controller
with embedded 2 A LDO regulator
Introduction
The PM6675AS device consists of a single, high-efficiency step-down controller and an
independent low dropout (LDO) linear regulator.
The constant on-time (COT) architecture assures fast transient response supporting both
electrolytic and ceramic output capacitors. An embedded integrator control loop
compensates the DC voltage error due to the output ripple.
Selectable low-consumption mode allows the highest efficiency over a wide range of load
conditions. The low-noise mode sets the minimum switching frequency to 33 kHz for audio-
sensitive applications. The LDO linear regulator can sink and source up to 2 Apk. Two fixed
current limits (±1 A and ±2 A) can be chosen.
An active soft-end is independently performed on both the switching and the linear
regulators outputs when disabled.
Figure 1.
PM6675AS demonstration board
www.st.com


Similar Part No. - AN2815

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
6-row 85 mA LED driver with boost
26-May-2009
AN2811 STMICROELECTRONICS-AN2811 Datasheet
1Mb / 25P
High brightness LEDs are becoming a prominent source of lighting
16-Jun-2009
AN2813 STMICROELECTRONICS-AN2813 Datasheet
380Kb / 25P
TDE1708DFT in IO-Link applications
09-Feb-2011
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
02-Apr-2009
More results

Similar Description - AN2815

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
High Efficiency Synchronous, Step Down Controller
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
High Efficiency, Synchronous Step-Down Controller
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
High Efficiency Step-down Switching Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
Linear Technology
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
high efficiency Step-down Switching Regulator Controller
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com