Electronic Components Datasheet Search
  English  ▼

X  

AN2815 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2815
Description  High-efficiency step-down controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2815 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2815 Datasheet HTML 1Page - STMicroelectronics AN2815 Datasheet HTML 2Page - STMicroelectronics AN2815 Datasheet HTML 3Page - STMicroelectronics AN2815 Datasheet HTML 4Page - STMicroelectronics AN2815 Datasheet HTML 5Page - STMicroelectronics AN2815 Datasheet HTML 6Page - STMicroelectronics AN2815 Datasheet HTML 7Page - STMicroelectronics AN2815 Datasheet HTML 8Page - STMicroelectronics AN2815 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AN2815
Main features
5/42
1
Main features
1.1
Switching section
4.5 V to 36 V input voltage range
0.6 V, ±1% voltage reference
1.5 V fixed output voltage
0.6 V to 3.3 V adjustable output voltage
1.237 V ±1% reference voltage available
Very fast load transient response constant on-time loop control
No-RSENSE current sensing using low-side MOSFETs' RDS(on)
Negative current limit
Latched OVP, UVP and thermal shutdown
Fixed 3 ms soft-start
Selectable pulse-skipping at light load
Selectable non-audible (33 kHz) pulse-skip mode
All ceramic output capacitor applications supported
Output voltage ripple compensation
Output soft-end
1.2
LDO section
0.6 V to 3.3 V adjustable output voltage
Selectable ±1 A or ±2 A current limit
Dedicated Power Good signal
Ceramic output capacitors supported
Output soft-end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com