Electronic Components Datasheet Search
  English  ▼

X  

AN2815 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2815
Description  High-efficiency step-down controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2815 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2815 Datasheet HTML 14Page - STMicroelectronics AN2815 Datasheet HTML 15Page - STMicroelectronics AN2815 Datasheet HTML 16Page - STMicroelectronics AN2815 Datasheet HTML 17Page - STMicroelectronics AN2815 Datasheet HTML 18Page - STMicroelectronics AN2815 Datasheet HTML 19Page - STMicroelectronics AN2815 Datasheet HTML 20Page - STMicroelectronics AN2815 Datasheet HTML 21Page - STMicroelectronics AN2815 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Getting started
AN2815
18/42
8
Getting started
The following step-by-step power-up and power-down sequences are provided in order to
correctly evaluate the PM6675AS demonstration board performance.
●
Power-up sequence
–
Working in an ESD-protected environment is highly recommended. Check all wrist
straps and ground mat connections before handling the PM6675AS demonstration
board
–
Connect power supplies as shown in the PM6675AS demonstration board test
setup (Figure 12) and insert the meters in order to perform the desired
performance evaluation. Connect the scope-probes as desired
–
Set the JP1 through JP5 jumpers in order to properly configure the PM6675AS
board (default position suggested). Set the SWEN-LEN switches to the on position
(upper position); Do not change jumper settings when the board is powered
–
Set the VCC supply to 5 V±5% and the current limit to 100 mA
–Set the VIN supply to a voltage in the range 4.5 V to 36 V. An initial test at 24 V and
2 A current limit is suggested
–
Set all the loads to 0 A
–
Turn-on the VIN supply
–
Turn-on the VCC supply
–Vary the VOUT load from 0 A to 8 A
–Vary the LOUT load from 0 A to 2 A to test source capability. If a different LDO input
is desired, connect the external rail as dashed in Figure 12 and remove the R6
resistor. All changes must be done when the board is not powered
–
Vary VIN supply from 4.5 V to 36 V
●
Power-down sequence
–
Decrease LOUT loads to 0 A
–
Reduce VOUT load to 0 A
–
Decrease VCC supply from 5 V to 3.8 V in order to test the UVLO
–
Increase VCC supply from 3.8 V to 5 V to restart the device
–
Use the SWEN-LEN switches to test soft-start and soft-end on both outputs
–
Turn-off the VOUT load
–
Turn-off the VCC supply
–
Turn-off the VIN supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com