Electronic Components Datasheet Search
  English  ▼

X  

AN3111 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 7Page - STMicroelectronics AN3111 Datasheet HTML 8Page - STMicroelectronics AN3111 Datasheet HTML 9Page - STMicroelectronics AN3111 Datasheet HTML 10Page - STMicroelectronics AN3111 Datasheet HTML 11Page - STMicroelectronics AN3111 Datasheet HTML 12Page - STMicroelectronics AN3111 Datasheet HTML 13Page - STMicroelectronics AN3111 Datasheet HTML 14Page - STMicroelectronics AN3111 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN3111
Circuit design
Doc ID 16815 Rev 2
11/23
Figure 7.
LED voltage and LED current
Figure 8
and 9 show the MOSFET switching waveforms. When the input line voltage is lower
than the output voltage, zero voltage turn-on is achieved. When the input voltage is higher
than the output voltage, the MOSFET is turned on at reduced voltage.
Fault conditions:
1.
Open load
If the LED string is disconnected from the circuit, the output capacitor can be charged to
a very high voltage if there is no overvoltage protection. The protection threshold voltage
Vovp is set as 75 V. R7 and R10 sense the reflected voltage through the coupled inductor
with a 4 to 1 turn ratio (N). The error amplifier of the L6562A is used to shut down the chip if
overvoltage is detected.
Figure 8.
Switching waveform of MOSFET
Q1: conclusions when Vout > Vin
Figure 9.
Switching waveform of MOSFET
Q1: conclusions when Vout < Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com