Electronic Components Datasheet Search
  English  ▼

X  

AN3111 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 15Page - STMicroelectronics AN3111 Datasheet HTML 16Page - STMicroelectronics AN3111 Datasheet HTML 17Page - STMicroelectronics AN3111 Datasheet HTML 18Page - STMicroelectronics AN3111 Datasheet HTML 19Page - STMicroelectronics AN3111 Datasheet HTML 20Page - STMicroelectronics AN3111 Datasheet HTML 21Page - STMicroelectronics AN3111 Datasheet HTML 22Page - STMicroelectronics AN3111 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
STEVAL-ILL027V2 demonstration board
AN3111
20/23
Doc ID 16815 Rev 2
Figure 17.
EMI measurement - detector quasi-peak
Figure 18
shows LED current for the input voltage between 180 and 260 V AC. Minimum
measured LED current is 318 mA for 180 V and maximum measured LED current is 358 mA
for 260 V. Figure 19 shows efficiency for different input voltages. The efficiency is 71% for
input voltage 230 V AC. Figure 20 demonstrates LED current for a different number of LEDs
connected as the load. If 15 LEDs are connected (LED forward voltage is 47 V), the LED
current is 358 mA. If 19 LEDs are connected (LED forward voltage is 59 V), the LED current
is 331 mA.
Figure 18.
LED current vs. input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com