Electronic Components Datasheet Search
  English  ▼

X  

AN3111 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 14Page - STMicroelectronics AN3111 Datasheet HTML 15Page - STMicroelectronics AN3111 Datasheet HTML 16Page - STMicroelectronics AN3111 Datasheet HTML 17Page - STMicroelectronics AN3111 Datasheet HTML 18Page - STMicroelectronics AN3111 Datasheet HTML 19Page - STMicroelectronics AN3111 Datasheet HTML 20Page - STMicroelectronics AN3111 Datasheet HTML 21Page - STMicroelectronics AN3111 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
STEVAL-ILL027V2 demonstration board
AN3111
18/23
Doc ID 16815 Rev 2
Figure 13.
Output LED current and voltage for input voltage 260 V / 50 Hz
In case the output LEDs are disconnected, STEVAL-ILL027V2 has designed an open load
protection. Figure 14 shows open load protection after connecting mains voltage 230 V AC.
As can be seen, output voltage is regulated to 78 V.
Figure 14.
Open load measurement
Figure 15
shows short-circuit protection. As soon as the voltage on the VCC pin of the
L6562A reaches the turn-on threshold (capacitor C5 is charged via resistors R12 and R16),
the device starts switching (there is output current present) and the voltage VCC decreases,
because output voltage is almost 0 V and so the capacitor C5 cannot be supplied via the
transformer from the output voltage. As soon as the voltage on the VCC pin of the L6562A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com