Electronic Components Datasheet Search
  English  ▼

X  

AN3172 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 2Page - STMicroelectronics AN3172 Datasheet HTML 3Page - STMicroelectronics AN3172 Datasheet HTML 4Page - STMicroelectronics AN3172 Datasheet HTML 5Page - STMicroelectronics AN3172 Datasheet HTML 6Page - STMicroelectronics AN3172 Datasheet HTML 7Page - STMicroelectronics AN3172 Datasheet HTML 8Page - STMicroelectronics AN3172 Datasheet HTML 9Page - STMicroelectronics AN3172 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Main characteristics and circuit description
AN3172
6/31
Doc ID 17230 Rev 1
1.1
Startup sequence
As previously indicated, the PFC acts as master and the resonant stage can operate only if
the PFC output is delivering its nominal output voltage. Therefore the circuit is designed so
that at startup the PFC starts first, then the downstream converter turns-on. At the
beginning, the L6563H is supplied by the integrated high voltage startup circuit; once the
PFC starts switching, a charging pump connected to the PFC inductor supplies both PFC
and resonant controllers. Once both stages have been activated, the controllers are also
supplied by the auxiliary winding of the resonant transformer, assuring correct supply
voltage, even during standby operation.
Because the L6563H integrated HV startup circuit is turned off, and therefore not dissipative
during normal operation, it makes a significant contribution to power consumption reduction
once the power supply operates at light-load, in agreement with standby worldwide
standards currently required.
1.2
Brownout protection
Brownout protection prevents the circuit from working with abnormal mains levels. It is easily
achieved using the RUN pin (#12) of the L6563H; this pin is connected through a resistor
divider to the VFF pin (#5) providing the information of the mains voltage peak value. An
internal comparator allows IC operations if the mains level is correct, within the nominal
limits. At startup, if the input voltage is below 90 Vac (typ.)
, circuit operations are inhibited.
The L6599A has similar protection on the LINE pin (#7). It is used to prevent the resonant
converter from working with a too low input voltage which can cause incorrect capacitive
mode operation. If the bulk voltage (PFC output) is below 380 V, the resonant stage startup
is not allowed. The L6599A LINE pin internal comparator has a hysteresis allowing the turn-
on and turn-off voltage to be set independently. The turn-off threshold has been set to 300 V
in order to avoid capacitive mode operation but allow the resonant stage to operate even in
the case of mains sag and a consequent PFC output dip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com