Electronic Components Datasheet Search
  English  ▼

X  

AN3172 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 10Page - STMicroelectronics AN3172 Datasheet HTML 11Page - STMicroelectronics AN3172 Datasheet HTML 12Page - STMicroelectronics AN3172 Datasheet HTML 13Page - STMicroelectronics AN3172 Datasheet HTML 14Page - STMicroelectronics AN3172 Datasheet HTML 15Page - STMicroelectronics AN3172 Datasheet HTML 16Page - STMicroelectronics AN3172 Datasheet HTML 17Page - STMicroelectronics AN3172 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Functional check
AN3172
14/31
Doc ID 17230 Rev 1
4
Functional check
The following are some waveforms relevant to the resonant stage during steady-state
operation. The selected switching frequency is about 100 kHz, in order to have a good trade
off between transformer losses and dimensions. The converter operates above the
resonance frequency. Figure 8 shows the resonant ZVS operation. It is worth noting that
both MOSFETs are turned on when resonant current is flowing through their body diodes
and drain-source voltage is zero.
In Figure 9 typical waveforms relevant to the secondary side are represented; it is worth
noting that the rectifiers reverse the working voltage and the current flowing through them.
The waveforms during the start at 90 Vac and full load are shown in Figure 10. It is possible
to note the sequence of the two stages; at power-on the L6563H and L6599A Vcc voltages
increase up to the turn-on thresholds of the two ICs. The PFC starts and its output voltage
increases from the mains rectified voltage to its nominal value. In the meantime the L6599A
is kept inactive by the LINE pin (#7) until the PFC voltage reaches the set threshold. Then
the resonant starts operating and the output voltage reaches the nominal level.
Figure 7.
Resonant stage waveforms at 115 V
- 60 Hz - full load
Figure 8.
Resonant stage waveforms at 230 V
- 50 Hz - full load
CH1: HB voltage
CH2: CF pin voltage
CH1: HB voltage
CH2: HV FET gate
CH3: Vcc
CH4: Res. tank current CH3: LV FET gate
CH4: Res. tank current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com