Electronic Components Datasheet Search
  English  ▼

X  

AN3172 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 23Page - STMicroelectronics AN3172 Datasheet HTML 24Page - STMicroelectronics AN3172 Datasheet HTML 25Page - STMicroelectronics AN3172 Datasheet HTML 26Page - STMicroelectronics AN3172 Datasheet HTML 27Page - STMicroelectronics AN3172 Datasheet HTML 28Page - STMicroelectronics AN3172 Datasheet HTML 29Page - STMicroelectronics AN3172 Datasheet HTML 30Page - STMicroelectronics AN3172 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN3172
Transformer specifications
Doc ID 17230 Rev 1
29/31
9.1
Mechanical aspect and pin numbering
●
Maximum Height from PCB: 30mm
●
Coil Former Type: horizontal, 7+7 pins (pins #1 and 7 are removed)
●
Pin distance: 5.08mm
●
Row distance: 25.4mm
Figure 23.
Transformer overall drawing
Manufacturer:
●
MAGNETICA, R. Volpini - Italy
●
Transformer P/N: 1860.0032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com