Electronic Components Datasheet Search
  English  ▼

X  

AN3172 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 21Page - STMicroelectronics AN3172 Datasheet HTML 22Page - STMicroelectronics AN3172 Datasheet HTML 23Page - STMicroelectronics AN3172 Datasheet HTML 24Page - STMicroelectronics AN3172 Datasheet HTML 25Page - STMicroelectronics AN3172 Datasheet HTML 26Page - STMicroelectronics AN3172 Datasheet HTML 27Page - STMicroelectronics AN3172 Datasheet HTML 28Page - STMicroelectronics AN3172 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN3172
BOM list
Doc ID 17230 Rev 1
25/31
R50
6K2
0805
SMD STD film res, 1/8 W, 1 %, 100 ppm/°C
VISHAY
R51
120 K
0805
SMD STD film res, 1/8 W, 1 %, 100 ppm/°C
VISHAY
R52
12 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R53
2K2
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R54
0R0
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R55
2K7
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R56
18 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R57
47R
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R58
100 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R59
100 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R6
NTC 2R5-S237
DWG
NTC resistor P/N B57237S0259M000
EPCOS
R60
10 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R61
2K7
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R62
4K7
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R65
47K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R66
2K2
1206
SMD STD film res, 1/4 W, 5 %, 250 ppm/°C
VISHAY
R67
N.M.
0805
Not mounted
R68
N.M.
1206
Not mounted
R69
4K7
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R7
1Meg
1206
SMD STD film res, 1/4 W, 1 %, 100 ppm/°C
VISHAY
R8
1Meg
1206
SMD STD film res, 1/4 W, 1 %, 100 ppm/°C
VISHAY
R9
62 K
0805
SMD STD film res, 1/8 W, 1 %, 100 ppm/°C
VISHAY
T1
1860.0032
DWG, ETD34
Resonant power transformer
MAGNETICA
U1
L6563H
SO-16
High voltage startup TM PFC controller
STMicroelectronics
U2
L6599AD
SO-16
Improved HV resonant controller
STMicroelectronics
U3
SFH617A-4
DIP-4, 10.16 mm
Optocoupler
Infineon
U4
TL431AIZ
TO-92
Programmable shunt voltage reference
STMicroelectronics
Z1
PCB REV. 1.0
Table 4.
EVL6599A-90WADP demonstration board: BOM list (continued)
Des.
Part type/
Part value
Case style
/Package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com