Electronic Components Datasheet Search
  English  ▼

X  

UM0581 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 7Page - STMicroelectronics UM0581 Datasheet HTML 8Page - STMicroelectronics UM0581 Datasheet HTML 9Page - STMicroelectronics UM0581 Datasheet HTML 10Page - STMicroelectronics UM0581 Datasheet HTML 11Page - STMicroelectronics UM0581 Datasheet HTML 12Page - STMicroelectronics UM0581 Datasheet HTML 13Page - STMicroelectronics UM0581 Datasheet HTML 14Page - STMicroelectronics UM0581 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
UM0581
Design details
Doc ID 14961 Rev 1
11/26
Table 1.
Setting up of power supply
Power supply
Description
ATX-SMPS
The board has the option to power from ATX-SMPS. Connect the ATX-PW-ON connector to
SMPS_PW_CONN (J5) indicated on the board. Since ATX-SMPS provides 12 V and 5 V
needed for the external HDD, there is no need for L4960 and L4978 switching regulators. So,
setting the below jumpers isolates the onboard power supply circuit (L4960, L4978) from the
HDD.
Jumper settings are as follows:
– J4: open
– J5: external SMPS power-on connector is connected
– J6: open (not used)
– J8: open
– J9: connect the jumper between pin 1 and 2
12 V DC power (this
should meet the
hard disk current
requirements)
The board has a power-on provision using a 12 V DC adapter. Connect the 12 V DC adapter
to J3 or J7. Since we are using 12 V directly, there is no need for an L4960 switching
regulator.
Jumper settings are as follows:
– J7 or J3: 12 V DC adapter is inserted
– J5: open (not used)
– J4: connect the jumper between pin 2 and 3
– J8: connect the jumper between pin 2 and 3
– J9: connect the jumper between pin 2 and 3
– J6: power on the external hard disk by connecting the hard disk power-on connector
between J6 and the hard disk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com