Electronic Components Datasheet Search
  English  ▼

X  

UM0581 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 13Page - STMicroelectronics UM0581 Datasheet HTML 14Page - STMicroelectronics UM0581 Datasheet HTML 15Page - STMicroelectronics UM0581 Datasheet HTML 16Page - STMicroelectronics UM0581 Datasheet HTML 17Page - STMicroelectronics UM0581 Datasheet HTML 18Page - STMicroelectronics UM0581 Datasheet HTML 19Page - STMicroelectronics UM0581 Datasheet HTML 20Page - STMicroelectronics UM0581 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
UM0581
Schematics
Doc ID 14961 Rev 1
17/26
5
Schematics
Figure 11.
STR912FAW44 IC, JTAG and USB connectors
AM01279v1
GND
VDD33
GND
USB_D+
RESETN
GND
GND
GND
VDD18
USB_D-
DBGACK
GND
DBGRQ
RESET
TDO
TCK
TMS
TDI
RTCK
VBUS
USB_D-
USB_D+
VBUS
3V3AN
3V3AN
VDD18
VDD33
RESETN
VDD33
3V3AN
GND
VDD18
VDD33
EMI_WRLN
EMI_WRH
EMI_RD
TMS
TCK
TRST
TDO
RTCK
TDI
TRST
VDD33
TMS
TCK
TDO
RTCK
TDI
RESETN
VDD33
VDD18
GND
GND
USB_PU_P62
PULL_DW_P64
VBUS_CHK_P63
JTAG CONN
STR9
.5A CURRENT
USB_CONN
C37
100nF
C37
100nF
C24
100nF
C24
100nF
R65
10k
R65
10k
R72
10k
R72
10k
C29
100nF
C29
100nF
C35
4.7nF
C35
4.7nF
C26 0.1uF
C26 0.1uF
C36
100nF
C36
100nF
C39
100nF
C39
100nF
R60 22
R60 22
R59
10k
R59
10k
C31
100nF
C31
100nF
C23
30pF
C23
30pF
R73
10k
R73
10k
C40
100nF
C40
100nF
R61
10k
R61
10k
R68
10k
R68
10k
R71
10k
R71
10k
C34
100nF
C34
100nF
U6
STM6718TW
U6
STM6718TW
RST
1
MR
3
VCC2
4
VCC1
5
C32
100nF
C32
100nF
C43
100nF
C43
100nF
R74
10k
R74
10k
C42
100nF
C42
100nF
Y1
Q25.0-SS4-30-30/30
Y1
Q25.0-SS4-30-30/30
R62 22
R62 22
R64
1.5k
R64
1.5k
R63
10k
R63
10k
L3 10uH
L3 10uH
C27
0.1uF
C27
0.1uF
U7
USBLC6_2P6
U7
USBLC6_2P6
I/O1
6
I/O2
4
I/O1
1
GND
2
I/O2
3
C28
10uF
C28
10uF
C25
30pF
C25
30pF
J11
J11
USB_VCC
1
USB_D-
2
USB_D+
3
USB_GND
4
SHELL
5
SHELL
6
R67
10k
R67
10k
R66
1M
R66
1M
SW1
SWPB
SW1
SWPB
C41
100nF
C41
100nF
J12
CON20
J12
CON20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
U5
STR912FAW44X6
U5
STR912FAW44X6
MCU_X1
104
MCU_X2
103
EMI_WR/WRL
21
EMI_WRH
22
EMI_RD
75
EMI_ALE
74
RESET_IN
89
RESET_OUT
100
TRST
107
TCK
108
TMS
111
TDI
115
TDO
117
RTCK
97
RTC-X2
41
RTC-X1
42
RTC_TAMPER1
91
USB+
96
MII_MDIO
94
USB-
95
R69
200
R69
200
R56
1M
R56
1M
C38
100nF
C38
100nF
R70
10k
R70
10k
C30
100nF
C30
100nF
C33
100nF
C33
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com