Electronic Components Datasheet Search
  English  ▼

X  

UM0581 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 14Page - STMicroelectronics UM0581 Datasheet HTML 15Page - STMicroelectronics UM0581 Datasheet HTML 16Page - STMicroelectronics UM0581 Datasheet HTML 17Page - STMicroelectronics UM0581 Datasheet HTML 18Page - STMicroelectronics UM0581 Datasheet HTML 19Page - STMicroelectronics UM0581 Datasheet HTML 20Page - STMicroelectronics UM0581 Datasheet HTML 21Page - STMicroelectronics UM0581 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Schematics
UM0581
18/26
Doc ID 14961 Rev 1
Figure 12.
Hard disk connector with termination resistor
AM01280v1
GND
EMI_D8_P90
EMI_D9_P91
EMI_D10_P92
EMI_D11_P93
EMI_D12_P94
EMI_D13_P95
EMI_D14_P96
EMI_D15_P97
EMI_D7_P87
EMI_D6_P86
EMI_D5_P85
EMI_D4_P84
EMI_D3_P83
EMI_D2_P82
EMI_D1_P81
EMI_D0_P80
EMI_DA2_P72
EMI_CS1_P76
EMI_CS0_P77
EMI_DA0_P70
EMI_DA1_P71
HDD_GND
HDD_GND
HDD_GND
HDD_GND
HDD_GND
HDD_GND
HDD_GND
HDD_GND
HDD_DMACK-
HDD_DMACK-
IORDY_P35
INTRQ_P34
DMARQ_P30
RESET_P36
DMACK_P73
EMI_WRLN
EMI_WRH
GPIO_WR_P60
EMI_RD
GPIO_RD_P61
HDD_DIOW-
HDD_DIOW-
HDD_DIOR-
HDD_DIOR-
GND
HDD_GND
HDD_5V
HDD_5V
HDD_GND
HDD_GND
GND
HDD_GND
HARD_DISK CONN
WITH TERMINATION
RESISTOR
R21 22
R21 22
R11
33
R11
33
R16
33
R16
33
J2
HEADER 2
J2
HEADER 2
R39
0
R39
0
R6
33
R6
33
R33
33 R33
33
R40
0
R40
0
R32 33
R32 33
R13
33
R13
33
R20
5.6k
R20
5.6k
R18
33
R18
33
R7
33
R7
33
R15
33
R15
33
R350
R350
R5
33
R5
33
R8
33
R8
33
R30
33
R30
33
R340
R340
R26
22
R26
22
R17
33
R17
33
R2
33
R2
33
R22
1k
R22
1k
R23 22
R23 22
R10
33
R10
33
R28
33
R28
33
R36
0
R36
0
J1
CON1A
J1
CON1A
HDD_RESET-
1
HDD_GND
2
HDD_DATA7
3
HDD_DATA8
4
HDD_DATA6
5
HDD_DATA9
6
HDD_DATA5
7
HDD_DATA10
8
HDD_DATA4
9
HDD_DATA11
10
HDD_DATA3
11
HDD_DATA12
12
HDD_DATA2
13
HDD_DATA13
14
HDD_DATA1
15
HDD_DATA14
16
HDD_DATA0
17
HDD_DATA15
18
HDD_GND
19
HDD_KEY
20
HDD_DMARQ-
21
HDD_GND
22
HDD_DIOW-
23
HDD_GND
24
HDD_DIOR-
25
HDD_GND
26
HDD_IORDY
27
HDD_CSEL
28
HDD_DMACK-
29
HDD_GND
30
HDD_INTRQ-
31
HDD_IOCS16-
32
HDD_DA1
33
HDD_PDIAG-
34
HDD_DA0
35
HDD_DA2
36
HDD_CS0-
37
HDD_CS1-
38
HDD_DASP-
39
HDD_GND
40
R38
0
R38
0
R3
33
R3
33
R12
33
R12
33
R27
82
R27
82
R31
33
R31
33
R25
0
R25
0
R1
33
R1
33
R19
82
R19
82
R9
10k
R9
10k
R4
33
R4
33
R14
33
R14
33
R37
10k
R37
10k
R29
10k
R29
10k
R24
82
R24
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com