Electronic Components Datasheet Search
  English  ▼

X  

UM0581 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 8Page - STMicroelectronics UM0581 Datasheet HTML 9Page - STMicroelectronics UM0581 Datasheet HTML 10Page - STMicroelectronics UM0581 Datasheet HTML 11Page - STMicroelectronics UM0581 Datasheet HTML 12Page - STMicroelectronics UM0581 Datasheet HTML 13Page - STMicroelectronics UM0581 Datasheet HTML 14Page - STMicroelectronics UM0581 Datasheet HTML 15Page - STMicroelectronics UM0581 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Design details
UM0581
12/26
Doc ID 14961 Rev 1
3.2.1
Onboard power supply
The L4960 is a monolithic power switching regulator delivering 2.5 A at a voltage varying
from 5 V to 40 V in step-down configuration. This is used to provide the 12 V output required
for the external HDD.
The L4978 is a step-down monolithic power switching regulator delivering 2 A at a voltage
between 3.3 V and 50 V. This is used to provide the 5 V output required for the external
HDD.
To power on the microcontroller 1.8 V and 3.3 V power supplies are also provided. The
LD1117A is a low drop voltage regulator able to provide up to 1 A of output current, used for
the 3.3 V STR91xF I/O power supply. The LDS3985 is a low drop voltage regulator. Low
quiescent current and low noise make it suitable for low power applications and is used for
the 1.8 V STR91xF CPU core power supply.
3.3
Microcontroller
The STR912FW44X6 ARM core-based ARM966E-S in a 128-pin LQFP package is the
heart of the STR912FAW44 parallel interface to hard disk demonstration board. For this
microcontroller two power supplies are required: 1.8 V +/- 10% (for the core) and 2.7 to
3.6 V (for the IO).
The microcontroller offers an external memory bus for connecting external parallel
peripherals and memories. The EMI bus resides on ports 7, 8, and 9 and operates with
15 V DC power (this
should meet the
hard disk current
requirements)
Connect the 15 V DC power adapter to J7 or J3. Jumper settings are as follows:
– J7 or J3: 15 V DC adapter is inserted
– J4: connect the jumper between pin 1 and 2
– J5: open (not used)
– J8: connect the jumper between pin 1 and 2
– J9: connect the jumper between pin 2 and pin 3
– J6: power on the external hard disk by connecting the hard disk power-on connector
between J6 and the hard disk
D9 LED
The LED glows when the system gets 5 V power supply
Table 1.
Setting up of power supply (continued)
Power supply
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com