Electronic Components Datasheet Search
  English  ▼

X  

LT1008 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1008
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1008 Datasheet(HTML) 1 Page - Linear Technology

  LT1008 Datasheet HTML 1Page - Linear Technology LT1008 Datasheet HTML 2Page - Linear Technology LT1008 Datasheet HTML 3Page - Linear Technology LT1008 Datasheet HTML 4Page - Linear Technology LT1008 Datasheet HTML 5Page - Linear Technology LT1008 Datasheet HTML 6Page - Linear Technology LT1008 Datasheet HTML 7Page - Linear Technology LT1008 Datasheet HTML 8Page - Linear Technology LT1008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1008
1008fb
Picoamp Input Current,
Microvolt Offset,
Low Noise Op Amp
The LT
®1008 is a universal precision operational amplifier
that can be used in practically all precision applications.
The LT1008 combines for the first time, picoampere bias
currents (which are maintained over the full – 55
°C to
125
°C temperature range), microvolt offset voltage (and
low drift with time and temperature), low voltage and
current noise, and low power dissipation. Extremely high
common mode and power supply rejection ratios, and the
ability to deliver 5mA load current with high voltage gain
round out the LT1008’s superb precision specifications.
The all around excellence of the LT1008 eliminates the
necessity of the time consuming error analysis procedure
of precision system design in many applications; the
LT1008 can be stocked as the universal precision op amp.
The LT1008 is externally compensated with a single ca-
pacitor for additional flexibility in shaping the frequency
response of the amplifier. It plugs into and upgrades all
standard LM108A/LM308A applications. For an internally
compensated version with even lower offset voltage but
otherwise similar performance see the LT1012.
■ Guaranteed Bias Current
TA = 25°C: 100pA Max
TA = – 55°C to 125°C: 600pA Max
■ Guaranteed Offset Voltage: 120
μV Max
■
Guaranteed Drift: 1.5
μV/°C Max
■ Low Noise, 0.1Hz to 10Hz: 0.5
μVP-P
■ Guaranteed Low Supply Current: 600
μA Max
■
Guaranteed CMRR: 114dB Min
■ Guaranteed PSRR: 114dB Min
■ Guaranteed Voltage Gain with 5mA Load Current
■
Available in 8-Lead PDIP and SO Packages
■ Precision Instrumentation
■ Charge Integrators
■ Wide Dynamic Range Logarithmic Amplifiers
■ Light Meters
■ Low Frequency Active Filters
■ Standard Cell Buffers
■ Thermocouple Amplifiers
Input Amplifier for 4.5 Digit Voltmeter
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
LT1008
1
1000pF
2
3
100k
5%
8
4
7
15V
–15V
6
0.1V
INPUT
1V
10V
10V
1V
100V
1000V
1008 TA01
TO 1V FULL-SCALE
ANALOG-TO-DIGITAL
CONVERTER
*RATIO MATCH
±0.01%
9M
100V
900k
9k*
0.1V
1k*
1000V
FN507
ALLEN BRADLEY
DECADE VOLTAGE DIVIDER
THIS APPLICATION REQUIRES LOW
BIAS CURRENT AND OFFSET VOLTAGE,
LOW NOISE AND LOW DRIFT WITH
TIME AND TEMPERATURE
90k
10k
TEMPERATURE (
°C)
–50
–150
–50
100
0
50
75
1008 TA02
–100
50
0
–25
25
100
125
UNDERCANCELLED UNIT
OVERCANCELLED UNIT
Input Bias Current vs Temperature
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1008CH LINER-LT1008CH Datasheet
946Kb / 12P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1008CH LINER-LT1008CH Datasheet
275Kb / 16P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008CJ8 LINER-LT1008CJ8 Datasheet
275Kb / 16P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1008CN8 LINER-LT1008CN8 Datasheet
946Kb / 12P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
More results

Similar Description - LT1008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
LT1008 LINER-LT1008 Datasheet
946Kb / 12P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp?
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012 LINER-LT1012 Datasheet
335Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
logo
Sensitron
SCP-5453 SENSITRON-SCP-5453 Datasheet
62Kb / 5P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
logo
Linear Technology
LT1008 LINER-LT1008_1 Datasheet
275Kb / 16P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1024 LINER-LT1024_1 Datasheet
174Kb / 12P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
LT1012 LINER-LT1012_15 Datasheet
345Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012A LINER-LT1012A_15 Datasheet
345Kb / 20P
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com