Electronic Components Datasheet Search
  English  ▼

X  

LT1008 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1008
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1008 Datasheet(HTML) 3 Page - Linear Technology

  LT1008 Datasheet HTML 1Page - Linear Technology LT1008 Datasheet HTML 2Page - Linear Technology LT1008 Datasheet HTML 3Page - Linear Technology LT1008 Datasheet HTML 4Page - Linear Technology LT1008 Datasheet HTML 5Page - Linear Technology LT1008 Datasheet HTML 6Page - Linear Technology LT1008 Datasheet HTML 7Page - Linear Technology LT1008 Datasheet HTML 8Page - Linear Technology LT1008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1008
1008fb
The
● indicates specifications which apply over the full operating temperature range of – 55
°C ≤ TA ≤ 125°C for the LT1008M, –40°C
≤ TA ≤ 85°C for the LT1008I and 0°C ≤ TA ≤ 70°C for the LT1008C. VS = ±15V, VCM = 0V, unless otherwise noted.
LT1008M/I
LT1008C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
●
50
250
40
180
μV
(Note 3)
●
60
320
50
250
μV
Average Temperature Coefficient of
Input Offset Voltage
●
0.2
1.5
0.2
1.5
μV/°C
IOS
Input Offset Current
●
60
250
40
180
pA
(Note 3)
●
80
350
50
250
pA
Average Temperature Coefficient of
Input Offset Current
●
0.4
2.5
0.4
2.5
pA/
°C
IB
Input Bias Current
●
±80 ±600
±40 ±180
pA
(Note 3)
●
±150 ±800
±50 ±250
pA
Average Temperature Coefficient of
Input Bias Current
●
0.6
6
0.4
2.5
pA/
°C
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10k
●
100
1000
150
1500
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
●
108
128
110
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±20V
●
108
126
110
128
dB
Input Voltage Range
●
±13.5
±13.5
V
VOUT
Output Voltage Swing
RL = 10k
●
±13 ±14
±13 ±14
V
IS
Supply Current
●
400
800
400
800
μA
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
LT1008M/I
LT1008C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
114
132
114
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±20V
114
132
114
132
dB
Input Voltage Range
±13.5 ±14
±13.5 ±14
V
VOUT
Output Voltage Swing
RL = 10k
±13 ±14
±13 ±14
V
Slew Rate
CF = 30pF
0.1
0.2
0.1
0.2
V/
μs
IS
Supply Current
(Note 3)
380
600
380
600
μA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
30
200
μV
(Note 3)
40
250
μV
Long-Term Input Offset Voltage Stability
0.3
μV/Month
IOS
Input Offset Current
100
280
pA
(Note 3)
120
380
pA
IB
Input Bias Current
±100
±300
pA
(Note 3)
±120
±400
pA
en
Input Noise Voltage
0.1Hz to 10Hz
0.5
μVP-P
Input Noise Voltage Density
fO = 10Hz (Note 5)
17
30
nV/
√Hz
fO = 1000Hz (Note 5)
14
22
nV/
√Hz
(LT1008S8 only) VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com