Electronic Components Datasheet Search
  English  ▼

X  

LT1008 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1008
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1008 Datasheet(HTML) 4 Page - Linear Technology

  LT1008 Datasheet HTML 1Page - Linear Technology LT1008 Datasheet HTML 2Page - Linear Technology LT1008 Datasheet HTML 3Page - Linear Technology LT1008 Datasheet HTML 4Page - Linear Technology LT1008 Datasheet HTML 5Page - Linear Technology LT1008 Datasheet HTML 6Page - Linear Technology LT1008 Datasheet HTML 7Page - Linear Technology LT1008 Datasheet HTML 8Page - Linear Technology LT1008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1008
1008fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
in
Input Noise Current Density
fO = 10Hz
20
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10k
200
2000
V/mV
VOUT = ±10V, RL ≥ 2k
120
600
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
110
132
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±20V
110
132
dB
Input Voltage Range
±13.5
±14
V
VOUT
Output Voltage Swing
RL = 10k
±13
±14
V
Slew Rate
CF = 30pF
0.1
0.2
V/
μs
IS
Supply Current
(Note 3)
380
600
μA
ELECTRICAL CHARACTERISTICS (LT1008S8 only) V
S = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
(LT1008S8 only) The
● indicates specifications which apply over the full operating temperature range of 0
°C ≤ TA ≤ 70°C.
VS =
±15V, VCM = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
●
40
280
μV
(Note 3)
●
50
340
μV
Average Temperature Coefficient of
●
0.2
1.8
μV/°C
Input Offset Voltage
IOS
Input Offset Current
●
120
380
pA
(Note 3)
●
140
500
pA
Average Temperature Coefficient of
●
0.4
4
pA/
°C
Input Offset Current
IB
Input Bias Current
●
±120
±420
pA
(Note 3)
●
±140
±550
pA
Average Temperature Coefficient of
●
0.4
5
pA/
°C
Input Bias Current
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10k
●
150
1500
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
●
108
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±20V
●
108
128
dB
Input Voltage Range
●
±13.5
V
VOUT
Output Voltage Swing
RL = 10k
●
±13
±14
V
IS
Supply Current
●
400
800
μA
Note 1:Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Differential input voltages greater than 1V will cause excessive
current to flow through the input protection diodes unless current limiting
resistors are used.
Note 3: These specifications apply for
±2V ≤ VS ≤ ±20V
(
±2.5V ≤ VS ≤ ±20V over the temperature range) and
–13.5V
≤ VCM ≤ 13.5V (for VS = ±15V).
Note 4: 10Hz noise voltage density is sample tested on every lot. Devices
100% tested at 10Hz are available on request.
Note 5: This parameter is tested on a sample basis only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com