Electronic Components Datasheet Search
  English  ▼

X  

LT1008 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1008
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1008 Datasheet(HTML) 5 Page - Linear Technology

  LT1008 Datasheet HTML 1Page - Linear Technology LT1008 Datasheet HTML 2Page - Linear Technology LT1008 Datasheet HTML 3Page - Linear Technology LT1008 Datasheet HTML 4Page - Linear Technology LT1008 Datasheet HTML 5Page - Linear Technology LT1008 Datasheet HTML 6Page - Linear Technology LT1008 Datasheet HTML 7Page - Linear Technology LT1008 Datasheet HTML 8Page - Linear Technology LT1008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1008
1008fb
TYPICAL PERFOR A CE CHARACTERISTICS
Offset Voltage Drift vs Source
Resistance (Balanced or
Unbalanced)
Input Bias Current vs
Common Mode Range
Warm-Up Drift
Long-Term Stability of Four
Representative Units
Offset Voltage Drift with
Temperature of Four
Representative Units
SOURCE RESISTANCE (
Ω)
1k
10k
0.1
10
100
100k
1M
10M
100M
1008 G01
1
MAXIMUM
TYPICAL
SOURCE RESISTANCE (
Ω)
1k
10k
0.01
1
10
100k
1M
10M
100M
1008 G02
0.1
MAXIMUM
TYPICAL
VS = ±15V
TA = 25°C
COMMON MODE INPUT VOLTAGE (V)
–15
–60
–40
–20
0
20
60
–10
–5
0
5
1008 G03
10
15
40
IB
VCM
DEVICE WITH POSITIVE INPUT CURRENT
DEVICE WITH NEGATIVE INPUT CURRENT
VS = ±15V
TA = 25°C
RINCM = 2 × 10
12Ω
Offset Voltage vs Source
Resistance (Balanced or
Unbalanced)
TEMPERATURE (
°C)
–50
20
40
60
25
75
1008 G06
0
–20
–25
0
50
100
125
–40
–60
TIME (MONTHS)
0
2
6
10
4
1008 G05
–2
–6
0
4
8
–4
–8
–10
1
2
3
5
TIME AFTER POWER ON (MINUTES)
0
3
4
5
4
1008 G04
2
1
0
1
2
3
5
METAL CAN (H) PACKAGE
DUAL-IN-LINE PACKAGE
PLASTIC (N) OR CERDIP (J)
VS = ±15V
TA = 25°C
FREQUE CY CO PE SATIO CIRCUITS
LT1008
6
VOUT
1
8
R1CO
R1 + R2
CF ≥
CO = 30pF
2
3
**BANDWIDTH AND SLEW RATE
ARE PROPORTIONAL TO 1/CF
R3
CF**
R1
R2
+VIN
–VIN
1008 FCC01
LT1008
6
VOUT
1008 FCC02
8
2
3
**BANDWIDTH AND SLEW RATE ARE
PROPORTIONAL TO 1/CS
*IMPROVES REJECTION OF POWER
SUPPLY NOISE BY A FACTOR OF 5
CS**
100pF
R1
R2
+VIN
–VIN
FOR
> 200, NO EXTERNAL FREQUENCY COMPENSATION IS NECESSARY
R2
R1
Standard Compensation Circuit
Alternate* Frequency Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com