Electronic Components Datasheet Search
  English  ▼

X  

AN4164 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 7Page - STMicroelectronics AN4164 Datasheet HTML 8Page - STMicroelectronics AN4164 Datasheet HTML 9Page - STMicroelectronics AN4164 Datasheet HTML 10Page - STMicroelectronics AN4164 Datasheet HTML 11Page - STMicroelectronics AN4164 Datasheet HTML 12Page - STMicroelectronics AN4164 Datasheet HTML 13Page - STMicroelectronics AN4164 Datasheet HTML 14Page - STMicroelectronics AN4164 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
AN4164
Transformer
Doc ID 023660 Rev 1
11/38
4
Transformer
The characteristics of the transformer are listed in the table below.
The following figures show the electrical diagram, size and pin distances (in mm) of the
transformer.
Table 3.
Transformer characteristics
Parameter
Value
Test conditions
Manufacturer
Magnetica
Part number
1921.0040
Primary inductance (pins 3 - 4)
1.2 mH ± 15%
Measured at 1 kHz 0.1 V
Leakage inductance
2.8%
Measured at 10 kHz 0.1 V
Primary to secondary turn ratio (3 - 4)/(5 - 8)
6.11 ± 5%
Measured at 10 kHz 0.1 V
Primary to auxiliary turn ratio (3 - 4)/(2 - 1)
5 ± 5%
Measured at 10 kHz 0.1 V
Figure 5.
Transformer, pin distances
Figure 6.
Transformer, electrical diagram
AM13331v1
AM13332v1
Figure 7.
Transformer side view 1
Figure 8.
Transformer side view 2
AM13333v1
AM13334v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com