Electronic Components Datasheet Search
  English  ▼

X  

AN4164 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 20Page - STMicroelectronics AN4164 Datasheet HTML 21Page - STMicroelectronics AN4164 Datasheet HTML 22Page - STMicroelectronics AN4164 Datasheet HTML 23Page - STMicroelectronics AN4164 Datasheet HTML 24Page - STMicroelectronics AN4164 Datasheet HTML 25Page - STMicroelectronics AN4164 Datasheet HTML 26Page - STMicroelectronics AN4164 Datasheet HTML 27Page - STMicroelectronics AN4164 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Feedback loop calculation guidelines
AN4164
24/38
Doc ID 023660 Rev 1
The mathematical expression of the compensator C(f) is:
Equation 5
where:
Equation 6
Equation 7
Equation 8
are chosen in order to censure the stability of the overall system. Gm = 2 mA/V (typical) is
the VIPER06 transconductance.
7.2
Compensation procedure
The first step is to choose the pole and zero of the compensator and the crossing frequency,
for instance:
–
fZc = fp/2
–
fPc = fz
–
fcross = fcross_sel
≤fsw/10
G1(fcross_sel) can be calculated from equation (
2) and, since by definition it is
| C(fcross_sel)*G1(fcross_sel)| = 1, C0, can be calculated as follows:
Equation 9
()
⎟⎟⎠
⎞
⎜⎜⎝
⎛⋅
+
⋅
⋅
⋅
⋅
⋅
+
⋅
=
Δ
Δ
=
fPc
j
f
j
f
fZc
j
f
H
C
V
I
f
C
COMP
OUT
1
2
1
0
pk
π
RfbH
RfbL
RfbL
Cp
Cc
Gm
Co
+
⋅
+
−
=
Cc
Rc
fZc
⋅
⋅
⋅
=
π
2
1
Cp
Cc
Rc
Cp
Cc
fPc
⋅
⋅
⋅
⋅
+
=
π
2
)
_
(
1
_
1
_
1
_
2
0
sel
fcross
G
H
fZc
j
sel
fcross
fPc
j
sel
fcross
j
sel
fcross
C
COMP
⋅
⋅
+
⋅
+
⋅
⋅
⋅
⋅
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com