Electronic Components Datasheet Search
  English  ▼

X  

AN4164 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 14Page - STMicroelectronics AN4164 Datasheet HTML 15Page - STMicroelectronics AN4164 Datasheet HTML 16Page - STMicroelectronics AN4164 Datasheet HTML 17Page - STMicroelectronics AN4164 Datasheet HTML 18Page - STMicroelectronics AN4164 Datasheet HTML 19Page - STMicroelectronics AN4164 Datasheet HTML 20Page - STMicroelectronics AN4164 Datasheet HTML 21Page - STMicroelectronics AN4164 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Testing the board
AN4164
18/38
Doc ID 023660 Rev 1
Depending on the equipment supplied, it’s possible to have several criteria to measure the
standby or light load performance of a converter. One criterion is the measurement of the
output power when the input power is equal to one watt. In
Table 10 the output power
needed to have 1 W of input power in a different line conditions is given.
Figure 24 and 25
show the diagram of the output powers corresponding to PIN = 1 W for different values of the
input voltage.
Another requirement (EuP lot 6) is that the input power should be less than 500 mW when
the converter is loaded with 250 mW. The performances are shown in
Figure 26 for external
biasing and in
Figure 27 for self biasing. In the former case the converter can satisfy even
this requirement.
Table 10.
POUT @ PIN=1 W
VIN [VAC]PIN [W]
POUT [W]
Efficiency (%)
IC externally
biased
IC self-biased
IC externally
biased
IC self-biased
90
1
0.78
0.64
78
64
115
1
0.77
0.60
77
60
150
1
0.73
0.55
73
55
180
1
0.70
0.49
70
49
230
1
0.68
0.43
68
43
265
1
0.65
0.40
65
40
Figure 24.
Efficiency at PIN = 1 W; IC externally
biased (J1 selected)
Figure 25.
Efficiency at PIN = 1 W; IC
self biased (J1 not selected)
AM11545v1
40
45
50
55
60
65
70
75
80
80
110
140
170
200
230260
V
IN [V AC]
AM11546v1
35
40
45
50
55
60
65
70
75
80
80
110
140
170
200
230260
VIN [VAC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com