Electronic Components Datasheet Search
  English  ▼

X  

AN4164 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4164
Description  This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4164 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4164 Datasheet HTML 15Page - STMicroelectronics AN4164 Datasheet HTML 16Page - STMicroelectronics AN4164 Datasheet HTML 17Page - STMicroelectronics AN4164 Datasheet HTML 18Page - STMicroelectronics AN4164 Datasheet HTML 19Page - STMicroelectronics AN4164 Datasheet HTML 20Page - STMicroelectronics AN4164 Datasheet HTML 21Page - STMicroelectronics AN4164 Datasheet HTML 22Page - STMicroelectronics AN4164 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
AN4164
Testing the board
Doc ID 023660 Rev 1
19/38
Figure 26.
PIN at POUT = 250 mW; IC externally
biased (J1 selected)
Figure 27.
PIN at POUT = 250 mW;
IC self biased (J1 not selected)
AM13108v1
0.25
0.3
0.35
0.4
0.45
0.5
80
110
140
170
200
230260
V
IN [V AC]
AM13108v1
0.25
0.3
0.35
0.4
0.45
0.5
80
110
140
170
200
230260
V
IN [V AC]
AM13109v1
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
80
110
140
170
200
230260
V
IN [V AC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com