Electronic Components Datasheet Search
  English  ▼

X  

AN4165 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 7Page - STMicroelectronics AN4165 Datasheet HTML 8Page - STMicroelectronics AN4165 Datasheet HTML 9Page - STMicroelectronics AN4165 Datasheet HTML 10Page - STMicroelectronics AN4165 Datasheet HTML 11Page - STMicroelectronics AN4165 Datasheet HTML 12Page - STMicroelectronics AN4165 Datasheet HTML 13Page - STMicroelectronics AN4165 Datasheet HTML 14Page - STMicroelectronics AN4165 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AN4165
Transformer
Doc ID 023661 Rev 1
11/37
4
Transformer
The characteristics of the transformer are listed in the table below.
The figures below show the size, pinout, and pin distances (in mm) as well as the electrical
diagram of the transformer.
Table 3.
Transformer characteristics
Parameter
Value
Test conditions
Manufacturer
Magnetica
Part number
1335.0089
Primary inductance
1.8 mH ±15%
Measured at 1 kHz, TAMB = 20
oC
Leakage inductance
3.12%
Measured at 10 kHz, TAMB = 20
oC
Primary to secondary turn ratio (3 - 5)/(6,7- 8,9)
5.8 ± 5%
Measured at 10 kHz, TAMB = 20
oC
Primary to auxiliary turn ratio (3 - 5)/(1 - 2)
5.8 ± 5%
Measured at 10 kHz, TAMB = 20
oC
Figure 4.
Transformer size and pin diagram,
bottom view
Figure 5.
Transformer size, side view
AM13359v1
AM13360v1
Figure 6.
Transformer, pin distances
Figure 7.
Transformer, electrical diagram
AM13361v1
AM11552v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com