Electronic Components Datasheet Search
  English  ▼

X  

AN4165 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 23Page - STMicroelectronics AN4165 Datasheet HTML 24Page - STMicroelectronics AN4165 Datasheet HTML 25Page - STMicroelectronics AN4165 Datasheet HTML 26Page - STMicroelectronics AN4165 Datasheet HTML 27Page - STMicroelectronics AN4165 Datasheet HTML 28Page - STMicroelectronics AN4165 Datasheet HTML 29Page - STMicroelectronics AN4165 Datasheet HTML 30Page - STMicroelectronics AN4165 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AN4165
Thermal measurements
Doc ID 023661 Rev 1
27/37
12
Thermal measurements
A thermal analysis of the board at full load condition,@ TAMB = 25 ° C has been performed
using an IR camera. The worst case is VIN = 85 VAC, but the nominal input voltage cases
(VIN = 115 VAC and VIN = 230 VAC) have also been considered. The results are shown in
Figure 35, 36, 37 and 38 and summarized in Table 12.
Figure 35.
Thermal map at TAMB = 25 ° C,
VIN =85 VAC, full load
Figure 36.
Thermal map at TAMB = 25 ° C,
VIN = 115 VAC, full load
AM13382v1
AM13383v1
Figure 37.
Thermal map at TAMB = 25 ° C,
VIN = 230 VAC, full load
Figure 38.
Thermal map at TAMB = 25 ° C,
VIN = 265 VAC, full load
AM13384v1
AM13385v1
Table 12.
Temperature of key components at VIN = 85 VAC /230 VAC, full load (TAMB = 25 ° C)
Point
T [
° C]
Reference
VIN = 85 VAC
VIN = 265 VAC
A
82.4
76.6
VIPER26
B
68.3
73.3
Transformer
C
69.1
67.0
Output diode
D
55.4
53.0
Clamping diode
E
24.8
24.9
Room temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com