Electronic Components Datasheet Search
  English  ▼

X  

AN4165 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 20Page - STMicroelectronics AN4165 Datasheet HTML 21Page - STMicroelectronics AN4165 Datasheet HTML 22Page - STMicroelectronics AN4165 Datasheet HTML 23Page - STMicroelectronics AN4165 Datasheet HTML 24Page - STMicroelectronics AN4165 Datasheet HTML 25Page - STMicroelectronics AN4165 Datasheet HTML 26Page - STMicroelectronics AN4165 Datasheet HTML 27Page - STMicroelectronics AN4165 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Feedback loop calculation guidelines
AN4165
24/37
Doc ID 023661 Rev 1
11
Feedback loop calculation guidelines
11.1
Transfer function
The set PWM modulator + power stage is indicated with G1(f), while C(f) is the “controller”,
i.e. the network which is in charge of ensuring the stability of the system.
Figure 34.
Control loop block diagram
The mathematical expression of the power plant G1(f) is the following:
Equation 2
where VOUT is the output voltage, Ipkp is the primary peak current, fp is the frequency of the
pole due to the output load:
Equation 3
and fz the frequency of the zero due to the ESR of the output capacitor:
Equation 4
AM11582v1
)
fp
j
(1
)
,
(
)
fz
(1
V
)
p
2
j
(1
)
,
(
)
z
2
(1
V
=
I
V
(f)
G
OUT
OUT
pk
OUT
1
f
Vdc
fsw
Ipkp
f
j
f
Vdc
fsw
Ipkp
f
j
⋅
+
⋅
⋅
+
⋅
=
⋅
⋅
⋅
+
⋅
⋅
⋅
⋅
+
⋅
Δ
Δ
=
π
π
2ESR)
+
·(R
C
1
fp
OUT
OUT
⋅
=
π
·ESR
C
2
1
fz
OUT
⋅
⋅
=
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com