Electronic Components Datasheet Search
  English  ▼

X  

AN4165 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4165
Description  This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4165 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4165 Datasheet HTML 13Page - STMicroelectronics AN4165 Datasheet HTML 14Page - STMicroelectronics AN4165 Datasheet HTML 15Page - STMicroelectronics AN4165 Datasheet HTML 16Page - STMicroelectronics AN4165 Datasheet HTML 17Page - STMicroelectronics AN4165 Datasheet HTML 18Page - STMicroelectronics AN4165 Datasheet HTML 19Page - STMicroelectronics AN4165 Datasheet HTML 20Page - STMicroelectronics AN4165 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AN4165
Efficiency
Doc ID 023661 Rev 1
17/37
8
Efficiency
Active mode efficiency is defined as the average of the efficiencies measured at 25%, 50%,
75% and 100% of maximum load, at nominal input voltage (VIN = 115 VAC and
VIN =230 VAC).
External power supplies (the power supplies which are housed separately from the end-use
devices they are powering) need to comply with the Code of Conduct (version 4.0) "Active
mode efficiency" criterion, which requires an active mode efficiency higher than 77.7% for a
power throughput of 12 W.
Another standard to be applied to external power supplies in the coming years is the DOE
(Department of Energy) recommendation, whose active mode efficiency requirement for the
same power throughput is 82.96%.
The average efficiencies of the board at 115 VAC (83.33%) and at 230 VAC (81.34%) are
represented by dotted lines, and, along with the above limits, show that the STEVAL-
ISA111V1 demonstration board is compliant with both standards at 115 VAC and with the
Code of Conduct only at 230 VAC (refer to Figure 20 below).
In the same figure the efficiency at 25%, 50%, 75% and 100% of maximum load for both
input voltages is also shown.
Figure 20.
Active mode efficiency of the demonstration board in comparison to
energy efficiency standards
AM13375v1
73
75
77
79
81
83
85
0.2
0.4
0.6
0.8
1
Iout [% I
OUT ]
115
230
av @ 115Vac
av @ 230Vac
DOE limit
CoC4 limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com